Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960TR Datasheet(PDF) 29 Page - STMicroelectronics

Part # L9960TR
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960TR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L9960TR Datasheet HTML 25Page - STMicroelectronics L9960TR Datasheet HTML 26Page - STMicroelectronics L9960TR Datasheet HTML 27Page - STMicroelectronics L9960TR Datasheet HTML 28Page - STMicroelectronics L9960TR Datasheet HTML 29Page - STMicroelectronics L9960TR Datasheet HTML 30Page - STMicroelectronics L9960TR Datasheet HTML 31Page - STMicroelectronics L9960TR Datasheet HTML 32Page - STMicroelectronics L9960TR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 95 page
background image
DS11115 Rev 10
29/95
L9960, L9960T
Functional description
94
4.2.1
Power on reset (POR) electrical characteristics
Tj = -40 °C to 150 °C, VDD5 = 4.5 V to 5.5 V, Vps = 4 V to 28 V unless otherwise specified.
All voltages refer to GND. Currents are positive into and negative out of the specified pin.
4.3
System clock electrical characteristics
Tj = -40 °C to 150 °C, VDD5 = 4.5 V to 5.5 V, Vps = 4 V to 28 V unless otherwise specified.
All voltages refer to GND. Currents are positive into and negative out of the specified pin.
A Spread Spectrum function can be an optional solution to reach EMC performance. The effect
is a reduction on emission peak values by spreading the energy in the frequency domain.
Note:
(-) available in the R2 position in SPI answer frame 4.
A register report the echo of NSPREAD Config: "NSPREAD echo"
Note:
(-) available in the R2 position of the SPI answer frame 7b.
Table 26. POR electrical characteristics
Symbol
Parameter
Condition
Min.
Max.
Unit
Vpor
POR threshold
VDD5 decreasing
3
3.7
V
Vpor_hys
POR hysteresis
For VDD5 increasing, Bridge is switched
ON at VDD5_uv_off+VDD5_uv_hys or
(Vpor + Vpor_hys)
0.1
0.3
V
Tpor
POR filtering time
VDD5 decreasing
Analog filtering (guaranteed by design)
0.01
4
µs
Td_pow
Power-on delay time
DIR = PWM = NDIS = 1 / DIS = 0
(guaranteed by scan)
-
300
µs
Vpor_int
POR threshold on
internal regulator
-1
3
V
Table 27. System clock electrical characteristics
Symbol
Parameter
Condition
Min.
Typ Max. Unit
Fclock
Internal System clock
±10% accuracy
4.5
5
5.5
MHz
Table 28. NSPREAD
Bit status
Description
Condition
0
Spread Spectrum Activate
Reset value
1
Spread Spectrum Disable
-
Table 29. NSPREAD_echo
Bit status
Description
Condition
0
echo Spread Spectrum Activate
Default value
1
echo Spread Spectrum Disable
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com