Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99SM81V Datasheet(PDF) 47 Page - STMicroelectronics

Part # L99SM81V
Description  Programmable stepper motor driver for automotive applications with micro-stepping and stall detection
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99SM81V Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L99SM81V Datasheet HTML 43Page - STMicroelectronics L99SM81V Datasheet HTML 44Page - STMicroelectronics L99SM81V Datasheet HTML 45Page - STMicroelectronics L99SM81V Datasheet HTML 46Page - STMicroelectronics L99SM81V Datasheet HTML 47Page - STMicroelectronics L99SM81V Datasheet HTML 48Page - STMicroelectronics L99SM81V Datasheet HTML 49Page - STMicroelectronics L99SM81V Datasheet HTML 50Page - STMicroelectronics L99SM81V Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 85 page
background image
L99SM81V
ST SPI protocol
DocID027599 Rev 4
47/85
5.2
Protocol
5.2.1
SDI frame
The data-in frame consists of 24 bits (OpCode + Address + Data).
The first two transmitted bits (MSB, MSB-1) contain the Operation Code which represents
the instruction to be performed. The following 6 bits (MSB-2 to MSB-7) represent the
address on which the operation will be performed.
The subsequent 16 bits contain the payload data.
Figure 30: SDI frame
Table 22: Operation codes
OC1
OC0
Description
0
0
Write Operation
0
1
Read Operation
1
0
Read & Clear Operation
1
1
Read Device Information
The operation code is used to distinguish between different access modes to the registers
of the slave device.
A Write Operation will lead to a modification of the addressed data by the payload if a write
access is allowed (e.g. Control Register, valid data). Besides this a shift out of the content
(data present at Communication Start) of the registers is performed.
A Read Operation shifts out the data present in the addressed register at Communication
Start. The payload data will be ignored and internal data will not be modified. In this device
a Burst Read can be performed.
A Read & Clear operation will lead to a clear of the addressed status bits. The bits to be
cleared are defi
ned first by address and secondly by the payload bits set to ‘1’. Besides this
a shift out of the content (data present at Communication Start) of the registers is
performed.
Status registers which change status during communication could be cleared by
the current Read & Clear Operation and are neither reported in the current
communication nor in the following communications. To avoid a loss of any
reported status it is recommended to clear selectively the bits of the status
registers, coherently with what reported in previous communications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com