Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99SM81V Datasheet(PDF) 5 Page - STMicroelectronics

Part # L99SM81V
Description  Programmable stepper motor driver for automotive applications with micro-stepping and stall detection
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99SM81V Datasheet(HTML) 5 Page - STMicroelectronics

  L99SM81V Datasheet HTML 1Page - STMicroelectronics L99SM81V Datasheet HTML 2Page - STMicroelectronics L99SM81V Datasheet HTML 3Page - STMicroelectronics L99SM81V Datasheet HTML 4Page - STMicroelectronics L99SM81V Datasheet HTML 5Page - STMicroelectronics L99SM81V Datasheet HTML 6Page - STMicroelectronics L99SM81V Datasheet HTML 7Page - STMicroelectronics L99SM81V Datasheet HTML 8Page - STMicroelectronics L99SM81V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 85 page
background image
L99SM81V
List of tables
DocID027599 Rev 4
5/85
List of tables
Table 1: Pin definition and function.............................................................................................................9
Table 2: Coil voltage synopsis table .........................................................................................................30
Table 3: Absolute maximum ratings .........................................................................................................35
Table 4: Operating range ..........................................................................................................................35
Table 5: ESD protection............................................................................................................................35
Table 6: Thermal data...............................................................................................................................36
Table 7: Thermal warning and thermal shutdown ....................................................................................36
Table 8: Supply and supply monitoring.....................................................................................................36
Table 9: Power on reset............................................................................................................................38
Table 10: Voltage regulator V5V...............................................................................................................38
Table 11: AOUT electrical characteristics.................................................................................................39
Table 12: OUTxn outputs (x = A,B; n = 1,2) .............................................................................................39
Table 13: Charge pump ............................................................................................................................40
Table 14: PWM control .............................................................................................................................41
Table 15: Clock characteristics .................................................................................................................42
Table 16: Digital inputs CTRL1, CTRL2, CTRL3, EN ...............................................................................42
Table 17: Coil voltage acquisition .............................................................................................................42
Table 18: Digital outputs DOUT1, DOUT2................................................................................................43
Table 19: CSN, SCK, SDI input ................................................................................................................43
Table 20: SDO output ...............................................................................................................................43
Table 21: SPI timing..................................................................................................................................44
Table 22: Operation codes .......................................................................................................................47
Table 23: Device application access ........................................................................................................48
Table 24: Device information read access................................................................................................48
Table 25: Address range ..........................................................................................................................48
Table 26: Global Status Byte GSB ...........................................................................................................49
Table 27: Global Status Byte GSB (bit description)..................................................................................50
Table 28: Device information read access operation code.......................................................................51
Table 29: Device information registers .....................................................................................................51
Table 30: SPI mode ..................................................................................................................................52
Table 31: SPI Burst Read .........................................................................................................................52
Table 32: SPI data length .........................................................................................................................52
Table 33: SPI data consistency check ......................................................................................................52
Table 34: Complete device SPI register table ..........................................................................................55
Table 35: Global Status Register GSR .....................................................................................................56
Table 36: Global Status Register GSR (bit description) ...........................................................................56
Table 37: Motor and driver Status Register MSR .....................................................................................58
Table 38: Motor and driver Status Register MSR (bit description) ...........................................................58
Table 39: Global Configuration Register 1 GCR1 ....................................................................................60
Table 40: Global Configuration Register 1 GCR1 (bit description)...........................................................60
Table 41: Global Configuration Register 2 GCR2 ....................................................................................62
Table 42: Global Configuration Register 2 GCR2 (bit description)...........................................................62
Table 43: Motor Control Register 1 MCR1 ...............................................................................................63
Table 44: Motor Control Register 1 MCR1 (bit description)......................................................................63
Table 45: Motor Control Register 2 MCR2 ...............................................................................................65
Table 46: Motor Control Register 2 MCR2 (bit description)......................................................................65
Table 47: Motor Control Register 3 MCR3 ...............................................................................................67
Table 48: Motor Control Register 3 MCR3 (bit description)......................................................................67
Table 49: Motor current reference register MCREF .................................................................................68
Table 50: Motor Current reference register MCREF (bit description).......................................................68
Table 51: Motor Coil Voltage 0° MCVA ....................................................................................................69
Table 52: Motor Coil Voltage 0° MCVA (bit description)...........................................................................69
Table 53: Motor Coil Voltage 90° MCVB ..................................................................................................70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com