Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L99VR01
Description  Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L99VR01 Datasheet HTML 12Page - STMicroelectronics L99VR01 Datasheet HTML 13Page - STMicroelectronics L99VR01 Datasheet HTML 14Page - STMicroelectronics L99VR01 Datasheet HTML 15Page - STMicroelectronics L99VR01 Datasheet HTML 16Page - STMicroelectronics L99VR01 Datasheet HTML 17Page - STMicroelectronics L99VR01 Datasheet HTML 18Page - STMicroelectronics L99VR01 Datasheet HTML 19Page - STMicroelectronics L99VR01 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
Figure 24. Vwhth vs Tj
40.00
42.00
44.00
46.00
48.00
50.00
-60
-40
-20
0
20
40
60
80
100
120
140
160
Tj (⁰C)
Vo=5 V
Vo=0 V 8
Vs = 13.5 V
Figure 25. Vwlth vs Tj
10.00
11.00
12.00
13.00
14.00
15.00
-60
-40
-20
0
20
40
60
80
100
120
140
160
Tj (⁰C)
Vo=5 V
Vo=0 V 8
Vs=13.5 V
Figure 26. Icwc vs Tj
5.00
7.00
9.00
11.00
13.00
15.00
-60
-40
-20
0
20
40
60
80
100
120
140
160
Tj (⁰C)
Vo=5 V
Vo=0 V 8
Vs = 13.5 V
Figure 27. Icwd vs Tj
0.00
1.00
2.00
3.00
4.00
-60
-40
-20
0
20
40
60
80
100
120
140
160
Tj (⁰C
)
Vs=13.5 V
Vo=5 V
Vo=0 V 8
Figure 28. PSRR
0
25
50
75
100
125
150
1
10
100
1000
10000
FREQUENCY (KHz)
L99VR01
Electrical characteristics curves
DS13649 - Rev 3
page 16/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com