Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L99VR01
Description  Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L99VR01 Datasheet HTML 19Page - STMicroelectronics L99VR01 Datasheet HTML 20Page - STMicroelectronics L99VR01 Datasheet HTML 21Page - STMicroelectronics L99VR01 Datasheet HTML 22Page - STMicroelectronics L99VR01 Datasheet HTML 23Page - STMicroelectronics L99VR01 Datasheet HTML 24Page - STMicroelectronics L99VR01 Datasheet HTML 25Page - STMicroelectronics L99VR01 Datasheet HTML 26Page - STMicroelectronics L99VR01 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
Figure 38. Watchdog timing diagram
Wi
VCW
IO
RST
Vwhth
Vwlth
Iw_off
Iw_on
Twol
Twop
Since the RST output pin is shared between the watchdog circuit and the output voltage monitoring circuit, for
applications where the watchdog is not needed, to prevent the watchdog from generating RST pulses without
anyhow losing the reset functionality of the Vo monitoring, the Vcw pin has to be connected to Vo. Vcw pin must be
always tied to ground by an external capacitor (Ctw) when the watchdog is used.
Note:
when the watchdog timer is used and the regulator recovers from a thermal shut-down event or recovers from
an output under-voltage event (including the recovery from output under-voltage event at the regulator output
turning on), the reset pin might be pulled back high with a delay longer than Trd, in the range between Trd
and Trd +Twol due to the watchdog that might affect the RST pin release. The watchdog will not affect the
RST pin release in the case where recovering from a thermal shut-down event or recovering from an output
under-voltage event (including the recovery from output under-voltage event at the regulator output turning on)
the Io drops below Iw_off before Trd. The output current Io consists in the load current, the current drawn from the
RST pin and the TW pin through the pull-down resistors connected to Vo when the RST and the TW pins are
asserted low and the current needed to charge/discharge the output capacitor Co.
Note:
when the watchdog timer is used, in case of an output under-voltage event not making Vo drop to zero volt,
since the watchdog will still be running during the output under-voltage condition, the first watchdog timeout
after the reset pin is released coming out of the output under-voltage event might occur before expected
(0≤Timeout≤Twop-Twol).
Table 13. Watchdog timer
Usage of watchdog timer
Connection of Vcw Pin
Watchdog timer is not used
Connect to the Vo pin
Watchdog timer is used
Connect to an external capacitor Ctw
4.7
Thermal warning and thermal shutdown
To warn the microcontroller about a severe temperature increase, a thermal warning output has been
implemented (L99VR01J version only). If the device detects a junction temperature above Twarn, the advanced
thermal warning (TW) output pin is pulled low while the voltage regulator and its features remain all active. The
TW pin will return to its high logic level (equal to the Vo output value) once the temperature falls below the
threshold Twarn - Twarn_hyst.
L99VR01
Thermal warning and thermal shutdown
DS13649 - Rev 3
page 23/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com