Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02J Datasheet(PDF) 3 Page - STMicroelectronics

Part # L99VR02J
Description  Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02J Datasheet(HTML) 3 Page - STMicroelectronics

  L99VR02J Datasheet HTML 1Page - STMicroelectronics L99VR02J Datasheet HTML 2Page - STMicroelectronics L99VR02J Datasheet HTML 3Page - STMicroelectronics L99VR02J Datasheet HTML 4Page - STMicroelectronics L99VR02J Datasheet HTML 5Page - STMicroelectronics L99VR02J Datasheet HTML 6Page - STMicroelectronics L99VR02J Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Table 1. Pins description
N°
PowerSSO-12
pin name
Function
1
VS
Supply voltage.
Block directly to ground with ceramic capacitor ≥ 4.7 µF and a
100 nF capacitator as close as possible to the pin.
2
SEL1
Output voltage selectors.
3
SEL2
4
SEL3
5
TW
Advanced Thermal warning output.
If the device detects a junction temperature above the warning
threshold, the pin is pulled low. If an overvoltage condition
occurs, a square wave is provided through the TW output. Leave
floating if not used.
6
IShort
Programmable short circuit output current input pin. A resistor
between Ishort pin and GND sets the short circuit output current
value.
7
EN
Enable input.
With the Enable high, regulator, watchdog and reset are
operating. With the Enable low, regulator, watchdog and reset
are shutdown, while the fast discharge circuit is turned on.
Connect the Enable to Vs to keep the device always enabled
8
GND
Ground reference.
9
Vcw
Watchdog timer adjust.
A capacitor between Vcw pin and GND sets the time response of
the watchdog monitor.
10
Wi
Watchdog refresh input.
If the square wave frequency at this input pin is too low, a low
pulse at RST pin is generated.
11
RST
Reset output.
It is pulled down when output voltage goes below VO_th or
frequency at Wi is too low. Leave floating if not used.
12
VO
Voltage regulator output.
Block to ground with a capacitor ≥ 3.3 µF (needed for regulator
stability).
TAB
Connected to ground
L99VR02J
Block diagram and pin descriptions
DB3869 - Rev 2
page 3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com