Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02J Datasheet(PDF) 1 Page - STMicroelectronics

Part # L99VR02J
Description  Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02J Datasheet(HTML) 1 Page - STMicroelectronics

  L99VR02J Datasheet HTML 1Page - STMicroelectronics L99VR02J Datasheet HTML 2Page - STMicroelectronics L99VR02J Datasheet HTML 3Page - STMicroelectronics L99VR02J Datasheet HTML 4Page - STMicroelectronics L99VR02J Datasheet HTML 5Page - STMicroelectronics L99VR02J Datasheet HTML 6Page - STMicroelectronics L99VR02J Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PowerSSO-12
Features
Max supply voltage
(load dump)
Vs
40 V
Max output voltage tolerance
Δ Vo
±2%
Output current
Io
500 mA
Quiescent current
Iqn
≤1 µA(1)
1. Maximum value with regulator disabled
•
AEC-Q100 qualified
•
Operating DC power supply voltage range from 2.15 V to 28 V
•
Battery and post regulation operating modes are allowed
•
Low dropout voltage
•
Low quiescent current consumption
•
User-selectable output voltage (0.8 V; 1.2 V; 1.5 V; 1.8 V; 2.5 V; 2.8 V; 3.3 V
or 5 V)
•
Output voltage precision ±2%
•
Enable input for enabling/disabling the voltage regulator
•
Output voltage monitoring with reset output
•
Negligible ESR effect on output voltage stability for load capacitor
•
Programmable autonomous watchdog through external capacitor
•
Undervoltage-lockout UVLO
•
Fast output discharge
•
Thermal shutdown and short-circuit protection
•
Advanced thermal warning output and overvoltage diagnostic
•
Programmable short-circuit output current
•
Wide operating temperature range (from Tj= -40 °C to 175 °C)
•
Documentation available for Customers that need support when dealing with
ASIL Requirements as per ISO 26262
Description
The L99VR02J is a low dropout linear voltage regulator designed for automotive
applications available in PowerSSO-12 packages. The LDO delivers up to 500 mA of
load current, and consumes as low as 1 μA of quiescent current when the regulator is
disabled. The input is 40V tolerant for load dump, while the operating input voltage
allowed is in the range between 2.15 V and 28 V. The L99VR02J can be configured,
through SELx pins, to generate a fixed output voltage (0.8 V; 1.2 V; 1.5 V; 1.8 V; 2.5
V; 2.8 V; 3.3 V or 5 V). High output voltage accuracy (±2%) is kept over wide
temperature range, line and load variation. The L99VR02J integrates features such
as enable, reset, autonomous watchdog, advanced thermal warning, fast output
discharge and IShort control. The regulator output current is internally limited so that
the device is protected against short circuit and overload, besides it features over
temperature protection; the short current value is configurable by an external
resistance. The L99VR02J can operate both in post regulation, attached to a pre-
regulated voltage, or directly connected to battery.
Product status link
L99VR02J
Automotive linear voltage regulator with configurable output voltage having
500 mA current capability
L99VR02J
Data brief
DB3869 - Rev 2 - October 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L99VR02J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99VR02J STMICROELECTRONICS-L99VR02J Datasheet
2Mb / 38P
Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
22-Dec-2022
L99VR02JTR STMICROELECTRONICS-L99VR02JTR Datasheet
2Mb / 38P
Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
22-Dec-2022
L99VR02J STMICROELECTRONICS-L99VR02J_V01 Datasheet
2Mb / 38P
Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
22-Dec-2022
More results

Similar Description - L99VR02J

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317M ONSEMI-LM317M_06 Datasheet
159Kb / 13P
500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
logo
Infineon Technologies A...
TLE4286G INFINEON-TLE4286G_08 Datasheet
239Kb / 11P
5-V Voltage Regulator 15 mA output current capability
Rev. 2.3, 2008-04-21
logo
ON Semiconductor
LM317M ONSEMI-LM317M_11 Datasheet
232Kb / 14P
500 mA Adjustable Output, Positive Voltage Regulator
September, 2011 ??Rev. 21
NCP4687DH18T1G ONSEMI-NCP4687DH18T1G Datasheet
1Mb / 18P
500 mA, High PSRR, LDO Linear Voltage Regulator
February, 2012 ??Rev. 2
logo
Rohm
BD4275FP2-C ROHM-BD4275FP2-C Datasheet
572Kb / 23P
500 mA Output LDO Regulator with Voltage Detector
logo
ON Semiconductor
LM317M ONSEMI-LM317M_14 Datasheet
141Kb / 14P
500 mA Adjustable Output Positive Voltage Regulator
August, 2014 ??Rev. 24
NCP4687 ONSEMI-NCP4687 Datasheet
1Mb / 18P
500 mA, High PSRR, LDO Linear Voltage Regulator
December, 2014 ??Rev. 3
NCV8177 ONSEMI-NCV8177 Datasheet
277Kb / 11P
Linear Voltage Regulator Fast Transient Response 500 mA with Enable
May, 2016 ??Rev. 0
logo
Rohm
BD42754FP2-C ROHM-BD42754FP2-C Datasheet
975Kb / 24P
500 mA Output LDO Regulator with Voltage Detector
logo
STMicroelectronics
L99VR01 STMICROELECTRONICS-L99VR01 Datasheet
3Mb / 47P
Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
22-Aug-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com