Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02J Datasheet (PDF) - STMicroelectronics

L99VR02J Datasheet PDF - STMicroelectronics
Part # L99VR02J_V01
Download  L99VR02J Download
File Size   2628.55 Kbytes
Page   38 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive linear voltage regulator with configurable output voltage having 500 mA current capability

L99VR02J Datasheet (PDF)

Go To PDF Page Download Datasheet
L99VR02J Datasheet PDF - STMicroelectronics

Part # L99VR02J_V01
Download  L99VR02J Click to download

File Size   2628.55 Kbytes
Page   38 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive linear voltage regulator with configurable output voltage having 500 mA current capability

L99VR02J Datasheet (HTML) - STMicroelectronics


L99VR02J Product details

Features
• AEC-Q100 qualified
• Operating DC power supply voltage range from 2.15 V to 28 V
• Battery and post regulation operating modes are allowed
• Low dropout voltage
• Low quiescent current consumption
• User-selectable output voltage (0.8 V; 1.2 V; 1.5 V; 1.8 V; 2.5 V; 2.8 V; 3.3 V or
5 V)
• Output voltage precision ±2%
• Enable input for enabling/disabling the voltage regulator
• Output voltage monitoring with reset output
• Negligible ESR effect on output voltage stability for load capacitor
• Programmable autonomous watchdog through external capacitor
• Undervoltage lockout UVLO
• Fast output discharge
• Thermal shutdown and short-circuit current limitation
• Advanced thermal warning and output overvoltage diagnostic
• Programmable short-circuit output current
• Wide operating temperature range (TJ = -40 °C to 175 °C)
• Limited documentation available for customers that need support when dealing
with ASIL requirements as per ISO 26262




Similar Part No. - L99VR02J_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99VR02J STMICROELECTRONICS-L99VR02J Datasheet
176Kb / 7P
Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
26-Oct-2020
More results


Similar Description - L99VR02J_V01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317M ONSEMI-LM317M_06 Datasheet
159Kb / 13P
500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
logo
Infineon Technologies A...
TLE4286G INFINEON-TLE4286G_08 Datasheet
239Kb / 11P
5-V Voltage Regulator 15 mA output current capability
Rev. 2.3, 2008-04-21
logo
ON Semiconductor
LM317M ONSEMI-LM317M_11 Datasheet
232Kb / 14P
500 mA Adjustable Output, Positive Voltage Regulator
September, 2011 ??Rev. 21
logo
Rohm
BD4275FP2-C ROHM-BD4275FP2-C Datasheet
572Kb / 23P
500 mA Output LDO Regulator with Voltage Detector
logo
ON Semiconductor
LM317M ONSEMI-LM317M_14 Datasheet
141Kb / 14P
500 mA Adjustable Output Positive Voltage Regulator
August, 2014 ??Rev. 24
NCP4687 ONSEMI-NCP4687 Datasheet
1Mb / 18P
500 mA, High PSRR, LDO Linear Voltage Regulator
December, 2014 ??Rev. 3
NCV8177 ONSEMI-NCV8177 Datasheet
277Kb / 11P
Linear Voltage Regulator Fast Transient Response 500 mA with Enable
May, 2016 ??Rev. 0
logo
Rohm
BD42754FP2-C ROHM-BD42754FP2-C Datasheet
975Kb / 24P
500 mA Output LDO Regulator with Voltage Detector
logo
STMicroelectronics
L99VR01 STMICROELECTRONICS-L99VR01 Datasheet
3Mb / 47P
Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
22-Aug-2022
L99VR02J STMICROELECTRONICS-L99VR02J Datasheet
176Kb / 7P
Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
26-Oct-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com