Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02J Datasheet(PDF) 1 Page - STMicroelectronics

Part # L99VR02J
Description  Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02J Datasheet(HTML) 1 Page - STMicroelectronics

  L99VR02J_V01 Datasheet HTML 1Page - STMicroelectronics L99VR02J_V01 Datasheet HTML 2Page - STMicroelectronics L99VR02J_V01 Datasheet HTML 3Page - STMicroelectronics L99VR02J_V01 Datasheet HTML 4Page - STMicroelectronics L99VR02J_V01 Datasheet HTML 5Page - STMicroelectronics L99VR02J_V01 Datasheet HTML 6Page - STMicroelectronics L99VR02J_V01 Datasheet HTML 7Page - STMicroelectronics L99VR02J_V01 Datasheet HTML 8Page - STMicroelectronics L99VR02J_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Features
Max. supply voltage (load dump)
VS
40 V
Max. output voltage tolerance
ΔVO
+/-2%
Output current
IO
500 mA
Quiescent current
Iqn
≤ 1 µA (1)
1. Maximum value with regulator disabled
•
AEC-Q100 qualified
•
Operating DC power supply voltage range from 2.15 V to 28 V
•
Battery and post regulation operating modes are allowed
•
Low dropout voltage
•
Low quiescent current consumption
•
User-selectable output voltage (0.8 V; 1.2 V; 1.5 V; 1.8 V; 2.5 V; 2.8 V; 3.3 V or
5 V)
•
Output voltage precision ±2%
•
Enable input for enabling/disabling the voltage regulator
•
Output voltage monitoring with reset output
•
Negligible ESR effect on output voltage stability for load capacitor
•
Programmable autonomous watchdog through external capacitor
•
Undervoltage lockout UVLO
•
Fast output discharge
•
Thermal shutdown and short-circuit current limitation
•
Advanced thermal warning and output overvoltage diagnostic
•
Programmable short-circuit output current
•
Wide operating temperature range (TJ = -40 °C to 175 °C)
•
Limited documentation available for customers that need support when dealing
with ASIL requirements as per ISO 26262
Product status link
L99VR02J
Product summary
Order code
L99VR02JTR
Package
PowerSSO-12
Packing
Tape and reel
Automotive linear voltage regulator with
configurable output voltage having 500 mA current capability
L99VR02J
Datasheet
DS14076 - Rev 1 - December 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L99VR02J_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99VR02J STMICROELECTRONICS-L99VR02J Datasheet
176Kb / 7P
Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
26-Oct-2020
More results

Similar Description - L99VR02J_V01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317M ONSEMI-LM317M_06 Datasheet
159Kb / 13P
500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
logo
Infineon Technologies A...
TLE4286G INFINEON-TLE4286G_08 Datasheet
239Kb / 11P
5-V Voltage Regulator 15 mA output current capability
Rev. 2.3, 2008-04-21
logo
ON Semiconductor
LM317M ONSEMI-LM317M_11 Datasheet
232Kb / 14P
500 mA Adjustable Output, Positive Voltage Regulator
September, 2011 ??Rev. 21
logo
Rohm
BD4275FP2-C ROHM-BD4275FP2-C Datasheet
572Kb / 23P
500 mA Output LDO Regulator with Voltage Detector
logo
ON Semiconductor
LM317M ONSEMI-LM317M_14 Datasheet
141Kb / 14P
500 mA Adjustable Output Positive Voltage Regulator
August, 2014 ??Rev. 24
NCP4687 ONSEMI-NCP4687 Datasheet
1Mb / 18P
500 mA, High PSRR, LDO Linear Voltage Regulator
December, 2014 ??Rev. 3
NCV8177 ONSEMI-NCV8177 Datasheet
277Kb / 11P
Linear Voltage Regulator Fast Transient Response 500 mA with Enable
May, 2016 ??Rev. 0
logo
Rohm
BD42754FP2-C ROHM-BD42754FP2-C Datasheet
975Kb / 24P
500 mA Output LDO Regulator with Voltage Detector
logo
STMicroelectronics
L99VR01 STMICROELECTRONICS-L99VR01 Datasheet
3Mb / 47P
Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
22-Aug-2022
L99VR02J STMICROELECTRONICS-L99VR02J Datasheet
176Kb / 7P
Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
26-Oct-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com