Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02J Datasheet(PDF) 21 Page - STMicroelectronics

Part # L99VR02J
Description  Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02J Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L99VR02J_V01 Datasheet HTML 17Page - STMicroelectronics L99VR02J_V01 Datasheet HTML 18Page - STMicroelectronics L99VR02J_V01 Datasheet HTML 19Page - STMicroelectronics L99VR02J_V01 Datasheet HTML 20Page - STMicroelectronics L99VR02J_V01 Datasheet HTML 21Page - STMicroelectronics L99VR02J_V01 Datasheet HTML 22Page - STMicroelectronics L99VR02J_V01 Datasheet HTML 23Page - STMicroelectronics L99VR02J_V01 Datasheet HTML 24Page - STMicroelectronics L99VR02J_V01 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
4.4
Enable
The L99VR02J is enabled/disabled by the enable input; a high voltage signal switches the regulator ON. When
the enable pin is set low, the output is switched-off. The current consumption of the device becomes as low as 1
μA and the fast output discharge circuit is activated.
It may happen that the components drive the enable pin supplied at a voltage different from the regulator supply
voltage. In this case, the EN input pin must be set high only once VS > 1.5 V. A solution to drive the enable pin is
depicted in the Figure 36.
Figure 36. Typical example of enable control
In any case, to avoid exceeding the absolute maximum rating, a special care must be adopted in driving the EN
pin since the enable input voltage is linked to the maximum DC supply voltage (VS) applied to the L99VR02J
(-0.3 V to VS + 0.3 V).
4.5
Reset
The reset circuit supervises the output voltage VO. If the output voltage falls below VO_th, then RST is pulled low
with a reaction time Trr. When the output voltage rises above, VO_th+ VO_th_hyst then RST is pulled high with a
delay time Trd. An internal circuit generates the delay. The reset circuit is active when EN is high. Being RST
an open-drain output an external resistance (Rrst) is needed between the RST pin and the VO pin. The external
resistance value can be in a range between 4.7 KΩ and 20 KΩ. Leave the RST pin floating if not used. Be aware
that the current flowing through the RST pin drawn from VO when the RST pin is pulled low. It may affect the
watchdog activation/deactivation based on the regulator output current consumption monitoring.
Figure 37. Reset timing diagram
L99VR02J
Enable
DS14076 - Rev 1
page 21/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com