Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8089FG Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA8089FG
Description  Fully integrated GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8089FG Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA8089FG Datasheet HTML 9Page - STMicroelectronics STA8089FG Datasheet HTML 10Page - STMicroelectronics STA8089FG Datasheet HTML 11Page - STMicroelectronics STA8089FG Datasheet HTML 12Page - STMicroelectronics STA8089FG Datasheet HTML 13Page - STMicroelectronics STA8089FG Datasheet HTML 14Page - STMicroelectronics STA8089FG Datasheet HTML 15Page - STMicroelectronics STA8089FG Datasheet HTML 16Page - STMicroelectronics STA8089FG Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
DocID027175 Rev 8
13/34
STA8089FG
Pin description
33
2.7
General purpose pins
2.8
RF front-end pins
USB_DM
VDDIO_R2
USB
AF0
USB_DM
USB D- signal
49
I
AF1
(default)
UART1_RX
UART1 Rx data
I
AF2
CAN1_RX(1)
CAN1 receive data input
I/O
AF3
I2C_SD
I2C serial data
USB_DP
VDDIO_R2
USB
AF0
USB_DP
USB D+ signal
48
O
AF1
(default)
UART1_TX
UART1 Tx data
O
AF2
CAN1_TX(1)
CAN1 transmit data output
O
AF3
I2C_CLK
I2C clock
1. Only for STA8089FGB and STA8089FGBD.
Table 4. Communication interface pins (continued)
Symbol
I/O voltage
I/O
Alternative
function
Function
Description
STA8089FG
Table 5. General purpose pins
Symbol
I/O voltage
I/O
Alternative
function
Function
Description
STA8089FG
GPIO1
VDDIO_R1
I/O
AF0 (default)
GPIO1
General purpose I/O #1 /
BOOT3
35
I/O
AF1
Reserved
—
O
AF2
PPS_OUT
Pulse per second output
I/O
AF3
TSENSE
External temperature
capture port
Table 6. RF front-end pins
Symbol
I/O voltage
I/O
Description
STA8089FG
LNA_IN
1.2 V
I
Low Noise Amplifier Input
9
XTAL_IN
1.2 V
I
Input Side of Crystal Oscillator or TCXO Input
19
XTAL_OUT
1.2 V
O
Output Side of Crystal Oscillator
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com