Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8089FG Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA8089FG
Description  Fully integrated GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8089FG Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA8089FG Datasheet HTML 17Page - STMicroelectronics STA8089FG Datasheet HTML 18Page - STMicroelectronics STA8089FG Datasheet HTML 19Page - STMicroelectronics STA8089FG Datasheet HTML 20Page - STMicroelectronics STA8089FG Datasheet HTML 21Page - STMicroelectronics STA8089FG Datasheet HTML 22Page - STMicroelectronics STA8089FG Datasheet HTML 23Page - STMicroelectronics STA8089FG Datasheet HTML 24Page - STMicroelectronics STA8089FG Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
DocID027175 Rev 8
21/34
STA8089FG
Electrical characteristics
33
Note:
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
VESD-HBM Electrostatic discharge, human body model(1)
-2
2
kV
VESD-CDM Electrostatic discharge, charge device model(2)
-250
250
V
1. Pins sustaining only ±500 V are: 12, 13, 21, 27, 28, 29, 30 and 31
2. Pin 9 (LNA_IN) sustains only ±100 V.
Table 8. Voltage characteristics (continued)
Symbol
Parameter
Min.
Max.
Unit
Table 9. Thermal characteristics
Symbol
Parameter
Min.
Max.
Unit
Toper
Operative ambient temperature
-40
85
°C
Tj
Operative junction temperature
-40
125
°C
Tst
Storage temperature
-55
150
°C
Rj-amb
Thermal resistance junction to ambient(1)
1. According to JEDEC specification on a 2 layers board.
24.4
°C/W
Table 10. Frequency limits
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
FCLK
Operating ARM9 CPU frequency V
DDD = 1.2 V;
TC = 85 °C(1)
1. Not tested in production.
——
196
MHz
FAHB
AHB frequency
49
MHz
Table 11. Power consumption
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
PRF
RFIP power (total VINL2)
G2 = GPS/Galileo;
Tamb = 25 °C;
VINL2 = 1.8 V
—25
mW
G2 + GLONASS;
Tamb = 25 °C;
VINL2 = 1.8 V
—35
mW
G2 + COMPASS;
Tamb = 25 °C;
VINL2 = 1.8 V
—35
mW
PMVR(1)
Switchable area power;
(total VINL1)
fARM = 196 MHz;
fAHB = 49 MHz;
Tamb = 25 °C;
VINL1 = .8 V; UART active;
other peripherals inactive
—90
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com