Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8089FGA Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA8089FGA
Description  Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8089FGA Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA8089FGA Datasheet HTML 10Page - STMicroelectronics STA8089FGA Datasheet HTML 11Page - STMicroelectronics STA8089FGA Datasheet HTML 12Page - STMicroelectronics STA8089FGA Datasheet HTML 13Page - STMicroelectronics STA8089FGA Datasheet HTML 14Page - STMicroelectronics STA8089FGA Datasheet HTML 15Page - STMicroelectronics STA8089FGA Datasheet HTML 16Page - STMicroelectronics STA8089FGA Datasheet HTML 17Page - STMicroelectronics STA8089FGA Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
General description
STA8089FGA
14/33
DocID029680 Rev 2
x 16 KB; DTCM can be configured as 128 + Nd x 16 KB, where Ni + Nd = 8, Ni
 1.
3.3.1
AHB slaves
G3 APB port that allows to interface with the G3BB acquisition memory and control
registers.
512 Kbytes ROM
Vectored Interrupt Controller (VIC).
SQI flash memory controller
3 x ARM946 APB peripheral bus (APB1, APB2, APB3).
Vectored Interrupt Controller (VIC)
This Vectored Interrupt Controller (VIC) allows the operative system interrupt handler to
quickly dispatch interrupt service routines in response to peripheral interrupts. It provides a
software interface to the interrupt system. There are up to 64 interrupt lines. The VIC uses a
bit position for each different interrupt source.
The software can control each request line to generate software interrupts. Each interrupt
line can be independently enabled and configured to trigger a non-vectored Normal Interrupt
Request (IRQ) or Fast Interrupt Request (FIQ) to the ARM946 CPU. Sixteen interrupt lines
can also be selected to trigger a vectored IRQ.
The VIC has two operation modes: the user mode and the privilege mode, in order to have
the possibility to set (or not) one level of protection during execution.
FS USB device controller
Full speed USB device with transceiver. It is an AHB slave. When active requires a 48 MHz
clock XTAL_IN.
Table 7. TCM Configuration
TCMcfg [2]
TCMcfg [1]
TCMcfg [0]
ITCM
DTCM
000
16 KB
240 KB
001
32 KB
224 KB
010
48 KB
208 KB
011
64 KB
192 KB
100
80 KB
176 KB
101
96 KB
160 KB
110
112 KB
144 KB
1
1
1
128 KB
128 KB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com