Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8089FGA Datasheet(PDF) 20 Page - STMicroelectronics

Part # STA8089FGA
Description  Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8089FGA Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STA8089FGA Datasheet HTML 16Page - STMicroelectronics STA8089FGA Datasheet HTML 17Page - STMicroelectronics STA8089FGA Datasheet HTML 18Page - STMicroelectronics STA8089FGA Datasheet HTML 19Page - STMicroelectronics STA8089FGA Datasheet HTML 20Page - STMicroelectronics STA8089FGA Datasheet HTML 21Page - STMicroelectronics STA8089FGA Datasheet HTML 22Page - STMicroelectronics STA8089FGA Datasheet HTML 23Page - STMicroelectronics STA8089FGA Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Electrical characteristics
STA8089FGA
20/33
DocID029680 Rev 2
Note:
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
VINL2
LDO2 input supply voltage (1.6 V to 4.3 V)
-0.3
4.8
V
VESD-HBM Electrostatic discharge, human body model(1)
-2
2
kV
VESD-CDM Electrostatic discharge, charge device model(2)
-250
250
V
1. Pins sustaining only ±500 V are: 12, 13, 21, 27, 28, 29, 30 and 31
2. Pin 9 (LNA_IN) sustains only ±100 V.
Table 8. Voltage characteristics (continued)
Symbol
Parameter
Min.
Max.
Unit
Table 9. Thermal characteristics
Symbol
Parameter
Min.
Max.
Unit
Toper
Operative ambient temperature
-40
85
°C
Tj
Operative junction temperature
-40
125
°C
Tst
Storage temperature
-55
150
°C
Rj-amb
Thermal resistance junction to ambient(1)
1. According to JEDEC specification on a 2 layers board.
24.4
°C/W
Table 10. Frequency limits
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
FCLK
Operating ARM9 CPU frequency V
DDD = 1.2 V;
TC = 85 °C(1)
1. Not tested in production.
—
—
196
MHz
FAHB
AHB frequency
—
—
49
MHz
Table 11. Power consumption
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
PRF
RFIP power (total VINL2)
G2 = GPS/Galileo;
Tamb = 25 °C;
VINL2 = 1.8 V
—25
—
mW
G2 + GLONASS;
Tamb = 25 °C;
VINL2 = 1.8 V
—35
—
mW
G2 + COMPASS;
Tamb = 25 °C;
VINL2 = 1.8 V
—35
—
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com