Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB0813 Datasheet(PDF) 120 Page - STMicroelectronics

Part # SPSB0813
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB0813 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button SPSB0813 Datasheet HTML 116Page - STMicroelectronics SPSB0813 Datasheet HTML 117Page - STMicroelectronics SPSB0813 Datasheet HTML 118Page - STMicroelectronics SPSB0813 Datasheet HTML 119Page - STMicroelectronics SPSB0813 Datasheet HTML 120Page - STMicroelectronics SPSB0813 Datasheet HTML 121Page - STMicroelectronics SPSB0813 Datasheet HTML 122Page - STMicroelectronics SPSB0813 Datasheet HTML 123Page - STMicroelectronics SPSB0813 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 135 page
background image
Table 120. SR4 description
Bit
Name
Description
23
RES
Reserved
22
RES
Reserved
21
OUT4_OL
Open-load
‘1’ indicates an open-load condition was detected at the output
Bit is latched until a “Read and clear” command
20
OUT3_OL
19
OUT2_OL
18
OUT1_OL
17
RES
Reserved
16
RES
Reserved
15
RES
Reserved
14
RES
Reserved
13
RES
Reserved
12
RES
Reserved
11
RES
Reserved
10
RES
Reserved
9
RES
Reserved
8
RES
Reserved
7
RES
Reserved
6
RES
Reserved
5
RES
Reserved
4
RES
Reserved
3
RES
Reserved
2
RES
Reserved
1
RES
Reserved
0
RES
Reserved
Table 121. Status register SR5 (0x35)
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
name
Access
R
Table 122. SR5 description
Bit
Name
Description
23
WD_TIMER_STATE_
1
Watchdog timer status:
0 0: 0 - 33%
0 1: 33 - 66%
22
WD_TIMER_STATE_
0
SPSB081
Status registers
DS14048 - Rev 1
page 120/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com