Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB0813 Datasheet(PDF) 122 Page - STMicroelectronics

Part # SPSB0813
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB0813 Datasheet(HTML) 122 Page - STMicroelectronics

Back Button SPSB0813 Datasheet HTML 118Page - STMicroelectronics SPSB0813 Datasheet HTML 119Page - STMicroelectronics SPSB0813 Datasheet HTML 120Page - STMicroelectronics SPSB0813 Datasheet HTML 121Page - STMicroelectronics SPSB0813 Datasheet HTML 122Page - STMicroelectronics SPSB0813 Datasheet HTML 123Page - STMicroelectronics SPSB0813 Datasheet HTML 124Page - STMicroelectronics SPSB0813 Datasheet HTML 125Page - STMicroelectronics SPSB0813 Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 135 page
background image
Bit
Name
Description
19
RES
Reserved
18
RES
Reserved
17
RES
Reserved
16
RES
Reserved
15
RES
Reserved
14
RES
Reserved
13
RES
Reserved
12
RES
Reserved
11
RES
Reserved
10
RES
Reserved
9
RES
Reserved
8
RES
Reserved
7
RES
Reserved
6
RES
Reserved
5
SGNDLOSS
Loss of ground status bit
‘1’ indicates that ground at SGND pin has been lost
Bit is not latched
4
IP_SUP_LOW
Internal IP voltage supply (analog and/or digital) is less than 3V
Bit is latched until a “Read and clear” command
3
CAN_SUP_LOW
Voltage at the CAN supply pin reached the CAN supply low warning threshold
VCANSUP < VCANSUPlow
Bit is latched until a “Read and clear” command
2
RES
Reserved
1
RES
Reserved
0
RES
Reserved
Table 125. Status register SR7 (0x37)
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
name
Access
R
R&C
R
Table 126. SR7 description
Bit
Name
Description
23
RES
Reserved
22
RES
Reserved
21
RES
Reserved
20
RES
Reserved
19
TSD1_CL4
Thermal shutdown of Cluster x
‘1’ indicates Cluster x has reached the thermal shutdown threshold (TSD1) and the output cluster was shut
down
18
TSD1_CL3
SPSB081
Status registers
DS14048 - Rev 1
page 122/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com