Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSSH0603DTL250 Datasheet(PDF) 7 Page - Stackpole Electronics, Inc.

Part # CSSH0603DTL250
Description  Ultra-precision Metal Alloy Current Sensing Chip Resistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSSH0603DTL250 Datasheet(HTML) 7 Page - Stackpole Electronics, Inc.

Back Button CSSH0603DTL250 Datasheet HTML 3Page - Stackpole Electronics, Inc. CSSH0603DTL250 Datasheet HTML 4Page - Stackpole Electronics, Inc. CSSH0603DTL250 Datasheet HTML 5Page - Stackpole Electronics, Inc. CSSH0603DTL250 Datasheet HTML 6Page - Stackpole Electronics, Inc. CSSH0603DTL250 Datasheet HTML 7Page - Stackpole Electronics, Inc. CSSH0603DTL250 Datasheet HTML 8Page - Stackpole Electronics, Inc. CSSH0603DTL250 Datasheet HTML 9Page - Stackpole Electronics, Inc. CSSH0603DTL250 Datasheet HTML 10Page - Stackpole Electronics, Inc. CSSH0603DTL250 Datasheet HTML 11Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Rev Date: 7/29/2022
7
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSS / CSSH Series
Ultra-precision Metal Alloy Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Recommended Pad Layouts
Environmental Performance (cont.)
Test Item
Test Method
Test Specifications
Test Condition
Test item (Thermal Shock Test):
Inspection:
Inspect for whisker formation on specimens that underwent
the acceleration test, with a magnifier (stereo microscope)
of about 40 or higher magnification. If judgement is difficult
with this method, use a scanning electron microscope
(SEM) of about 1000 or higher magnification.
Max 50μm
JESD Standard
No.22A121
class 2
Whisker Test
Minimum Storage Temperature
-55 +0 / -10°C
Maximum Storage Temperature
85 + 10 / -0°C
Temperature-Retaining Time
10 minutes
Number of Temperature Cycles
1500
Testing Condition
0.008
0.013
0.010
inches
0.20
0.33
0.25
mm
0.014
inches
0.024
0.024
0.35
mm
0.60
0.60
0.016
inches
0.40
mm
0.056
0.036
0.015
inches
1.41
0.92
0.38
mm
0.053
0.020
inches
1.35
0.036
0.50
mm
0.051
0.92
0.024
inches
1.30
0.60
mm
0.035
0.016
inches
0.90
0.091
0.40
mm
0.033
2.30
0.020
inches
0.85
0.50
mm
0.061
0.020
inches
1.55
0.057
0.50
mm
0.055
1.44
0.031
inches
1.40
0.80
mm
0.053
0.012
inches
1.35
0.071
0.30
mm
0.039
1.80
0.039
inches
1.00
1.00
mm
0.063
0.086
0.039
inches
1.60
2.18
1.00
mm
0.001 - 0.05
0.001 - 0.013
CSSH0805
CSS0805
0.5
0.0015, 0.002
0.003 - 0.02
0.002
0.0005
CSS0508
1
0.001, 0.0015, 0.002
0.003 - 0.005
Type/Code
Maximum Power
Rating (W)
Resistance Range
(
Ω)
a
b
i
Unit
0.2
0.01, 0.02
0.33
CSS0402
CSS0603
0.33
0.0025, 0.003
0.004 - 0.02
0.0025
0.005 - 0.02
1
1
CSS0201
CSS1206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com