Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSSH0603DTL250 Datasheet(PDF) 9 Page - Stackpole Electronics, Inc.

Part # CSSH0603DTL250
Description  Ultra-precision Metal Alloy Current Sensing Chip Resistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSSH0603DTL250 Datasheet(HTML) 9 Page - Stackpole Electronics, Inc.

Back Button CSSH0603DTL250 Datasheet HTML 5Page - Stackpole Electronics, Inc. CSSH0603DTL250 Datasheet HTML 6Page - Stackpole Electronics, Inc. CSSH0603DTL250 Datasheet HTML 7Page - Stackpole Electronics, Inc. CSSH0603DTL250 Datasheet HTML 8Page - Stackpole Electronics, Inc. CSSH0603DTL250 Datasheet HTML 9Page - Stackpole Electronics, Inc. CSSH0603DTL250 Datasheet HTML 10Page - Stackpole Electronics, Inc. CSSH0603DTL250 Datasheet HTML 11Page - Stackpole Electronics, Inc. CSSH0603DTL250 Datasheet HTML 12Page - Stackpole Electronics, Inc. CSSH0603DTL250 Datasheet HTML 13Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Rev Date: 7/29/2022
9
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSS / CSSH Series
Ultra-precision Metal Alloy Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Packaging Specifications
Recommended Lead Free Resistor Reflow Profile
Convection IR Reflow
Description
Maximum
Recommended
Minimum
Ramp Up (°C/sec)
3°C/sec
2°C/sec
*
Dwell Time > 217°C
150 seconds
90 seconds
60 seconds
Solder Temp.
260°C
245°C
*
Dwell Time at Max.
30 seconds
15 seconds
10 seconds
Ramp DN (°C/sec)
6°C/sec
3°C/sec
*
Type/Code
Tape Width
Unit
0.354 ± 0.020
2.362 ± 0.079
7.008 ± 0.197
inches
9.00 ± 0.50
60.00 ± 2.00
178.00 ± 5.00
mm
0.472 ± 0.020
2.362 ± 0.079
7.008 ± 0.197
inches
12.00 ± 0.50
60.00 ± 2.00
178.00 ± 5.00
mm
0.685 ± 0.039
2.362 ± 0.039
7.008 ± 0.079
inches
17.40 ± 1.00
60.00 ± 1.00
178.00 ± 2.00
mm
0.543 ± 0.020
3.150 ± 0.039
7.008 ± 0.197
inches
13.80 ± 0.50
80.00 ± 1.00
178.00 ± 5.00
mm
0.984 ± 0.039
2.362 ± 0.039
7.008 ± 0.197
inches
25.00 ± 1.00
60.00 ± 1.00
178.00 ± 5.00
mm
CSSH3637
16 mm
W
ØD
ØM
0201, 0402, 0603
0508, 0805,1206
8 mm
CSSH0805
8 mm
2010, 2512, 2725, 2728
12 mm
4527
24 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com