Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8089GA Datasheet(PDF) 28 Page - STMicroelectronics

Part # STA8089GA
Description  Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8089GA Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STA8089GA Datasheet HTML 24Page - STMicroelectronics STA8089GA Datasheet HTML 25Page - STMicroelectronics STA8089GA Datasheet HTML 26Page - STMicroelectronics STA8089GA Datasheet HTML 27Page - STMicroelectronics STA8089GA Datasheet HTML 28Page - STMicroelectronics STA8089GA Datasheet HTML 29Page - STMicroelectronics STA8089GA Datasheet HTML 30Page - STMicroelectronics STA8089GA Datasheet HTML 31Page - STMicroelectronics STA8089GA Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Package and packing information
STA8089GA
28/32
DS10948 Rev 7
5
Package and packing information
5.1
ECOPACK packages
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
5.2
VFQFPN56 7 x 7 mm package information
Table 25. VFQFPN56 7 x 7 mm package dimensions
Symbol
Min.
Typ.
Max
Common dimensions
A
0.80
0.85
0.90
A1
0
0.01
0.05
A2
0.60
0.65
0.70
A3
0.20 REF
b
0.15
0.20
0.25
D
7.00 BSC
D1
6.75 BSC
D2
5.0
5.1
5.2
E
7.00 BSC
E1
6.75 BSC
E2
5.0
5.1
5.2
e
0.40 BSC
12°
L
0.30
0.40
0.50
N56
Nd
14
Ne
14
P
0.24
0.42
0.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com