Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8089GA Datasheet(PDF) 31 Page - STMicroelectronics

Part # STA8089GA
Description  Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8089GA Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STA8089GA Datasheet HTML 24Page - STMicroelectronics STA8089GA Datasheet HTML 25Page - STMicroelectronics STA8089GA Datasheet HTML 26Page - STMicroelectronics STA8089GA Datasheet HTML 27Page - STMicroelectronics STA8089GA Datasheet HTML 28Page - STMicroelectronics STA8089GA Datasheet HTML 29Page - STMicroelectronics STA8089GA Datasheet HTML 30Page - STMicroelectronics STA8089GA Datasheet HTML 31Page - STMicroelectronics STA8089GA Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
DS10948 Rev 7
31/32
STA8089GA
Revision history
31
7
Revision history
Table 26. Document revision history
Date
Revision
Changes
25-Mar-2015
1
Initial release.
30-Jun-2015
2
Table 2: Power supply pins:
– VDDD, VOL1: updated description
Table 4: Test/emulated dedicated pins:
– TRSTn: updated I/O voltage value
Table 13: LDO1 DC characteristics:
–VOL1: set min and max values as TBD, removed condition for
Output voltage at 1.0 V
Table 14: LDO2 DC characteristics:
–VOL2: set min and max values as TBD
Table 15: Low voltage detection thresholds:
– Output LVD main VR: removed condition for Output voltage at
1.0 V
Table 18: RFCHAIN – GALGPS filter and VGA:
–CG: updated typical values
Table 19: RFCHAIN – GLONASS/BeiDou filter and VGA:
–CG: updated typical values
24-Nov-2015
3
Table 8: Voltage characteristics:
–VESD-HBM, VESD-CDM: updated values
25-Nov-2015
4
Updated package data
08-Jun-2016
5
Updated Features and Description
Updated Overview: Changed form STA8089GA to STA8089GAD
Updated Section 4.2: Minimum and maximum values
Updated Section 4.6: Recommended DC operating conditions
Updated Section 6: Ordering information
24-May-2017
6
Updated:
– Table 9: Thermal characteristics on page 20 (Rj-amb value);
– Table 11: Power consumption: removed IDSLEEP and added
IDStandby and IDDeepStandby parameters.
03-Jun-2020
7
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com