Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSSH0805DTL250 Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # CSSH0805DTL250
Description  Ultra-precision Metal Alloy Current Sensing Chip Resistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSSH0805DTL250 Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  CSSH0805DTL250 Datasheet HTML 1Page - Stackpole Electronics, Inc. CSSH0805DTL250 Datasheet HTML 2Page - Stackpole Electronics, Inc. CSSH0805DTL250 Datasheet HTML 3Page - Stackpole Electronics, Inc. CSSH0805DTL250 Datasheet HTML 4Page - Stackpole Electronics, Inc. CSSH0805DTL250 Datasheet HTML 5Page - Stackpole Electronics, Inc. CSSH0805DTL250 Datasheet HTML 6Page - Stackpole Electronics, Inc. CSSH0805DTL250 Datasheet HTML 7Page - Stackpole Electronics, Inc. CSSH0805DTL250 Datasheet HTML 8Page - Stackpole Electronics, Inc. CSSH0805DTL250 Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Rev Date: 7/29/2022
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSS / CSSH Series
Ultra-precision Metal Alloy Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Mechanical Specifications (0201
– 0805)
0.024 ± 0.006
0.012 ± 0.006
0.010 ± 0.004
0.006 ± 0.004
inches
0.60 ± 0.15
0.30 ± 0.15
0.25 ± 0.10
0.15 ± 0.10
mm
0.012 ± 0.004
inches
0.039 ± 0.006
0.022 ± 0.006
0.012 ± 0.004
0.30 ± 0.10
mm
1.00 ± 0.15
0.55 ± 0.15
0.30 ± 0.10
0.009 ± 0.004
inches
0.23 ± 0.10
mm
0.018 ± 0.008
inches
0.45 ± 0.20
mm
0.063 ± 0.010
0.031 ± 0.010
0.016 ± 0.010
0.014 ± 0.008
inches
1.60 ± 0.25
0.80 ± 0.25
0.40 ± 0.25
0.35 ± 0.20
mm
0.012 ± 0.008
inches
0.30 ± 0.20
mm
0.015 ± 0.010
inches
0.38 ± 0.25
mm
0.049 ± 0.010
0.079 ± 0.010
0.017 ± 0.006
0.015 ± 0.010
inches
1.25 ± 0.25
2.00 ± 0.25
0.42 ± 0.15
0.37 ± 0.25
mm
0.014 ± 0.010
inches
0.36 ± 0.25
mm
0.013 ± 0.010
inches
0.32 ± 0.25
mm
0.028 ± 0.008
inches
0.70 ± 0.20
mm
0.079 ± 0.010
0.049 ± 0.010
0.016 ± 0.010
0.024 ± 0.008
inches
2.00 ± 0.25
1.25 ± 0.25
0.40 ± 0.25
0.60 ± 0.20
mm
0.016 ± 0.008
inches
0.40 ± 0.20
mm
0.024 ± 0.008
0.030 ± 0.008
inches
0.60 ± 0.20
0.75 ± 0.20
mm
0.022 ± 0.008
inches
0.55 ± 0.20
mm
0.018 ± 0.008
inches
0.45 ± 0.20
mm
0.014 ± 0.008
inches
0.081 ± 0.010
0.051 ± 0.012
0.35 ± 0.20
0.016 ± 0.008
mm
2.05 ± 0.25
1.30 ± 0.30
0.018 ± 0.008
0.40 ± 0.20
inches
0.45 ± 0.20
mm
0.014 ± 0.008
inches
0.35 ± 0.20
mm
0.014 ± 0.008
inches
0.35 ± 0.20
mm
0.003 - 0.02
CSS0805
0.5
0.0015
0.0005
0.001
0.0015
0.002
0.0025
0.003 - 0.008
0.009 - 0.013
CSSH0805
1
CSS0603
0.33
0.002
0.0025, 0.003
0.004 - 0.02
0.002
CSS0508
0.001
0.0015
0.002
0.003 - 0.005
1
Unit
CSS0201
0.2
0.01, 0.02
Type/Code
Maximum Power
Rating (W)
Resistance Range
(Ω)
L
W
H
0.005 - 0.02
CSS0402
0.33
T2
Bottom
0.0025
Type
Power
Rating
Resistance
Range
L
W
H
T2
MA0805
1 W
0.5 mΩ
2.00±0.25
1.30±0.30
0.60±0.20
0.75±0.20
1mΩ
0.55±0.20
0.40±0.20
1.5mΩ
0.35±0.20
2mΩ
2.5~3 mΩ
4~8 mΩ
9~ 13
0.35±0.20
14~ 15
0.30±0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com