Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSSH0805DTL250 Datasheet(PDF) 8 Page - Stackpole Electronics, Inc.

Part # CSSH0805DTL250
Description  Ultra-precision Metal Alloy Current Sensing Chip Resistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSSH0805DTL250 Datasheet(HTML) 8 Page - Stackpole Electronics, Inc.

Back Button CSSH0805DTL250 Datasheet HTML 4Page - Stackpole Electronics, Inc. CSSH0805DTL250 Datasheet HTML 5Page - Stackpole Electronics, Inc. CSSH0805DTL250 Datasheet HTML 6Page - Stackpole Electronics, Inc. CSSH0805DTL250 Datasheet HTML 7Page - Stackpole Electronics, Inc. CSSH0805DTL250 Datasheet HTML 8Page - Stackpole Electronics, Inc. CSSH0805DTL250 Datasheet HTML 9Page - Stackpole Electronics, Inc. CSSH0805DTL250 Datasheet HTML 10Page - Stackpole Electronics, Inc. CSSH0805DTL250 Datasheet HTML 11Page - Stackpole Electronics, Inc. CSSH0805DTL250 Datasheet HTML 12Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Rev Date: 7/29/2022
8
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSS / CSSH Series
Ultra-precision Metal Alloy Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Recommended Solder Profiles
This information is intended as a reference for solder profiles for Stackpole resistive components. These profiles should be compatible
with most soldering processes. These are only recommendations. Actual numbers will depend on board density, geometry, packages
used, etc., especially those cells lab
eled with “*”.
100% Matte Tin / RoHS Compliant Terminations
Soldering iron recommended temperatures: 330°C to 350°C with minimum duration.
Maximum number of reflow cycles: 3.
Recommended Pad Layouts (cont.)
Wave Soldering
Description
Maximum
Recommended
Minimum
Preheat Time
80 seconds
70 seconds
60 seconds
Temperature Diff.
140°C
120°C
100°C
Solder Temp.
260°C
250°C
240°C
Dwell Time at Max.
10 seconds
5 seconds
*
Ramp DN (°C/sec)
N/A
N/A
N/A
Temperature Diff. = Defference between final preheat stage and soldering stage.
0.114
0.048
inches
2.89
0.115
1.22
mm
0.090
2.92
0.095
inches
2.29
2.41
mm
0.120
0.050
inches
3.05
1.27
mm
0.083
0.125
inches
2.11
3.18
mm
0.120
0.050
inches
3.05
1.27
mm
0.086
0.145
0.118
inches
2.19
3.68
3.00
mm
0.110
0.071
inches
2.79
1.80
mm
0.086
0.118
inches
2.19
3.00
mm
0.083
0.125
inches
2.11
3.18
mm
0.125
0.270
0.052
inches
3.18
6.86
1.32
mm
0.108
0.138
inches
2.75
0.308
3.51
mm
0.108
7.82
0.138
inches
2.75
3.51
mm
0.228
0.138
inches
5.80
0.344
3.51
mm
0.163
8.74
0.268
inches
4.15
6.81
mm
0.152
0.413
0.114
inches
3.85
10.50
2.90
mm
0.0002 - 0.003
CSSH2512
3
0.0003 - 0.0005
0.003 - 0.004
0.0101 - 0.08
0.0006 - 0.0029
0.0041 - 0.01
CSS2010
1
0.001 - 0.003
0.0031 - 0.1
CSS2512
i
2
0.0005 - 0.004
0.0041 - 0.075
CSS2728
3
0.004 - 0.1
CSSH2728
4
0.004 - 0.1
CSS2725
4
Unit
Type/Code
Maximum Power
Rating (W)
Resistance Range
(
Ω)
a
b
CSSH3637
7
0.0003
CSS4527
5
0.0005 - 0.005
0.0051 - 0.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com