Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSSH0508DTL250 Datasheet(PDF) 12 Page - Stackpole Electronics, Inc.

Part # CSSH0508DTL250
Description  Ultra-precision Metal Alloy Current Sensing Chip Resistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSSH0508DTL250 Datasheet(HTML) 12 Page - Stackpole Electronics, Inc.

Back Button CSSH0508DTL250 Datasheet HTML 5Page - Stackpole Electronics, Inc. CSSH0508DTL250 Datasheet HTML 6Page - Stackpole Electronics, Inc. CSSH0508DTL250 Datasheet HTML 7Page - Stackpole Electronics, Inc. CSSH0508DTL250 Datasheet HTML 8Page - Stackpole Electronics, Inc. CSSH0508DTL250 Datasheet HTML 9Page - Stackpole Electronics, Inc. CSSH0508DTL250 Datasheet HTML 10Page - Stackpole Electronics, Inc. CSSH0508DTL250 Datasheet HTML 11Page - Stackpole Electronics, Inc. CSSH0508DTL250 Datasheet HTML 12Page - Stackpole Electronics, Inc. CSSH0508DTL250 Datasheet HTML 13Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Rev Date: 7/29/2022
12
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSS / CSSH Series
Ultra-precision Metal Alloy Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
High Power Chip Resistors and Thermal Management
Stackpole has developed several surface mount resistor series in addition to our current sense resistors, which have had higher power
ratings than standard resistor chips. This has caused some uncertainty and even confusion by users as to how to reliably use these
resistors at the higher power ratings in their designs.
The data sheets for the RHC, RMCP, RNCP, CSR, CSRN, CSRF, CSS, and CSSH state that the rated power assumes an ambient
temperature of no more than 100°C for the CSS / CSSH series and 70°C for all other high power resistor series. In addition, IPC and
UL best practices dictate that the combined temperature on any resistor due to power dissipated and ambient air shall be no more than
105°C
. At first glance this wouldn’t seem too difficult, however the graph below shows typical heat rise for the CSR1206 100 milliohm
at full rated power. The heat rise for the RMCP and RNCP would be similar. The RHC with its unique materials, design, and processes
would have less heat rise and therefore would be easier to implement for any given customer.
The 102°C heat rise shown here would indicate there will be additional thermal reduction techniques needed to keep this part under
105°C total hot spot temperature if this part is to be used at 0.75 watts of power. However, this same part at the usual power rating for
this size would have a heat rise of around 72°C. This additional heat rise may be dealt with using wider conductor traces, larger solder
pads and land patterns under the solder mask, heavier copper in the conductors, via through PCB, air movement, and heat sinks,
among many other techniques. Because of the variety of methods customers can use to lower the effective heat rise of the circuit,
resistor manufacturers simply specify power ratings with the limitations on ambient air temperature and total hot spot temperatures and
leave the details of how to best accomplish this to the design engineers. Design guidelines for products in various market segments
can vary widely so it would be unnecessarily constraining for a resistor manufacturer to recommend the use of any of these methods
over another.
Note:
The final resistance value can be affected by the board layout and assembly process, especially the size of the mounting pads and the amount
of solder used. This is especially notable for
resistance values ≤ 50 mΩ.
This should be taken into account when designing.
RoHS Compliance
Stackpole Electronics has joined the worldwide effort to reduce the amount of lead in electronic components and to meet the various
regulatory
requirements now prevalent, such as the European Union’s directive regarding “Restrictions on Hazardous Substances”
(RoHS 3). As part of this ongoing program, we periodically update this document with the status regarding the availability of our
compliant components. All our standard part numbers are compliant to EU Directive 2011/65/EU of the European Parliament as
amended by Directive (EU) 2015/863/EU as regards the list of restricted substances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com