Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSSH0508DTL250 Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # CSSH0508DTL250
Description  Ultra-precision Metal Alloy Current Sensing Chip Resistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSSH0508DTL250 Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  CSSH0508DTL250 Datasheet HTML 1Page - Stackpole Electronics, Inc. CSSH0508DTL250 Datasheet HTML 2Page - Stackpole Electronics, Inc. CSSH0508DTL250 Datasheet HTML 3Page - Stackpole Electronics, Inc. CSSH0508DTL250 Datasheet HTML 4Page - Stackpole Electronics, Inc. CSSH0508DTL250 Datasheet HTML 5Page - Stackpole Electronics, Inc. CSSH0508DTL250 Datasheet HTML 6Page - Stackpole Electronics, Inc. CSSH0508DTL250 Datasheet HTML 7Page - Stackpole Electronics, Inc. CSSH0508DTL250 Datasheet HTML 8Page - Stackpole Electronics, Inc. CSSH0508DTL250 Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev Date: 7/29/2022
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSS / CSSH Series
Ultra-precision Metal Alloy Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
High power metal alloy current sense resistor
•
High temperature performance up to 225
C (for operation up to 275ºC, contact Stackpole)
•
Low thermal EMF (< 1µ V/C)
•
Proprietary processing technique produces extremely low resistance values
•
Qualified to AEC-Q200
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
Please refer to the High-Power Resistor Application Note (page 12) for more information on designing and implementing high power resistor types.
Electrical Specifications - CSS
Electrical Specifications
– CSSH (High Power)
0.5%
1%
5%
CSS0201
0.2
4.47
7.07
± 200
-
0.01, 0.02
-
11.48
18.16
± 150
-
0.0025
-
8.12
12.84
± 100
-
0.005, 0.006, 0.008, 0.01, 0.015, 0.02
-
12.84
20.31
± 150
-
0.002
-
11.49
18.16
± 100
-
0.0025, 0.003, 0.004, 0.005
-
7.41
11.72
± 75
-
0.01, 0.015, 0.02
-
± 150
0.001, 0.0015
± 100
0.002, 0.003, 0.004, 0.005
18.25
28.86
± 100
-
0.0015
-
15.81
25
± 75
-
0.002, 0.003, 0.004, 0.005
-
9.12
14.43
± 50
-
0.006, 0.007, 0.01, 0.015, 0.02
-
± 50
-
± 25
0.007 - 0.015
± 15
0.016 - 0.05
± 50
-
± 25
-
± 15
0.007 - 0.1
± 50
-
± 25
-
± 15
0.007 - 0.075
± 100
-
± 50
-
± 25
0.004 -0.007
± 15
0.008 - 0.19
CSS4527
5
100
173
± 50
0.007 - 0.12
31.63
50
-
-
0.008 - 0.1
61.24
27.39
63.25
63.25
126.49
316.23
31.62
141.42
31.62
63.25
0.004 - 0.006
0.0005 - 0.12
0.004 - 0.006
0.007 - 0.075
0.0002
0.00025 - 0.003
0.004 - 0.007
0.0005 - 0.003
0.001 - 0.004
0.005 - 0.015
0.016 - 0.05
0.001 - 0.003
Ohmic Range (
Ω) and Tolerance
CSS0402
0.33
CSS0603
0.33
Maximum
Overload
Current (A)
TCR
(ppm/ºC)
Type/Code
Maximum
Power Rating
(W)
Maximum
Rating Current
(A)
CSS0508
1
CSS2728
CSS2512
1
3
CSS2010
CSS2725
4
CSS1206
1
2
CSS0805
0.5
0.007 - 0.1
0.5%
1%, 2%, 5%
± 100
-
0.0005
± 75
0.001
25.81
51.63
± 75
-
0.0015 - 0.002
20
40
± 50
0.007 - 0.013
0.0025 - 0.013
± 150
-
0.0003
± 50
-
0.0005 - 0.0025
± 25
0.007 - 0.01
0.003 - 0.01
± 50
0.0101 - 0.05
0.0101 - 0.08
± 25
0.004 - 0.007
0.004 - 0.007
± 15
0.008 - 0.019
0.008 - 0.05
CSSH3637
7
152.75
341.57
± 100
-
0.0003
44.72
89.44
Ohmic Range (
Ω) and Tolerance
70.71
CSSH2512
3
100
223.61
CSSH2728
4
31.62
Type/Code
CSSH0805
Maximum
Power Rating
(W)
Maximum
Rating Current
(A)
Maximum
Overload
Current (A)
TCR
(ppm/ºC)
1


Similar Part No. - CSSH0508DTL250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSSH2512 ETC2-CSSH2512 Datasheet
147Kb / 6P
Ultra Precision Current Sensing Chip Resistor
CSSH2512 ETC2-CSSH2512 Datasheet
147Kb / 6P
Ultra Precision Current Sensing Chip Resistor
CSSH2728 ETC2-CSSH2728 Datasheet
147Kb / 6P
Ultra Precision Current Sensing Chip Resistor
CSSH2728 ETC2-CSSH2728 Datasheet
147Kb / 6P
Ultra Precision Current Sensing Chip Resistor
More results

Similar Description - CSSH0508DTL250

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MLR MERITEK-MLR Datasheet
191Kb / 4P
Metal Alloy Low-Ohmic Current Sensing Resistor
logo
List of Unclassifed Man...
CSS1206 ETC2-CSS1206 Datasheet
147Kb / 6P
Ultra Precision Current Sensing Chip Resistor
EKI-2728-BE ETC2-EKI-2728-BE Datasheet
147Kb / 6P
Ultra Precision Current Sensing Chip Resistor
logo
Stackpole Electronics, ...
CSSK SEI-CSSK Datasheet
348Kb / 5P
Kelvin Termination Metal Alloy Current Sensing Resistor
3/29/2022
logo
C&B ELECTRONICS (SHENZH...
EBWK2512 RESI-EBWK2512 Datasheet
689Kb / 2P
Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
EBWM2512 RESI-EBWM2512 Datasheet
722Kb / 2P
Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
PEWM3920 RESI-PEWM3920 Datasheet
681Kb / 2P
Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
SEWF2512 RESI-SEWF2512 Datasheet
504Kb / 2P
Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
SEWF3920 RESI-SEWF3920 Datasheet
739Kb / 3P
Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
SEWF5930 RESI-SEWF5930 Datasheet
578Kb / 2P
Precision Trimming-free Alloy Current Sensing Resistor
2022/11/28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com