Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8090WG Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA8090WG
Description  Fully Integrated GPS/Galileo/Glonass/QZSS receiver with embedded RF
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8090WG Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA8090WG Datasheet HTML 17Page - STMicroelectronics STA8090WG Datasheet HTML 18Page - STMicroelectronics STA8090WG Datasheet HTML 19Page - STMicroelectronics STA8090WG Datasheet HTML 20Page - STMicroelectronics STA8090WG Datasheet HTML 21Page - STMicroelectronics STA8090WG Datasheet HTML 22Page - STMicroelectronics STA8090WG Datasheet HTML 23Page - STMicroelectronics STA8090WG Datasheet HTML 24Page - STMicroelectronics STA8090WG Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
DS11052 Rev 5
21/34
STA8090WG
Electrical characteristics
33
4
Electrical characteristics
4.1
Parameter conditions
Unless otherwise specified, all voltages are referred to GND.
4.2
Minimum and maximum values
Unless otherwise specified the minimum and maximum values are guaranteed in the worst
conditions of ambient temperature, supply voltage and frequencies by tests in production on
100% of the devices with an ambient temperature at TA = 25°C.
4.3
Typical values
Unless otherwise specified, typical data are based on TA = 25°C, Vddio = 1.8 V, Vdd = 1.20 V.
They are given only as design guidelines and are not tested.
4.4
Typical curves
Unless otherwise specified, all typical curves are given only as design guidelines and are
not tested.
4.5
Absolute maximum ratings
This product contains devices to protect the inputs against damage due to high static
voltages, however it is advisable to take normal precautions to avoid application of any
voltage higher than the specified maximum rated voltages.
Table 10 lists the absolute maximum rating for STA8090WG.
Table 10. Voltage characteristics
Symbol
Parameter
Min.
Max.
Unit
VCC_CHAIN
Analog supply voltage for RF chain (1.2 V)
-0.3
1.32
V
VCC_PLL
Analog supply voltage for PLL RF (1.2 V)
-0.3
1.32
V
VCC_RF
Analog supply voltage for RF (1.2 V)
-0.3
1.32
V
VDD_SQI
Digital supply voltage for SQI
-0.3
3.63
V
VDDD
Power supply pins for the core logic.
-0.3
1.32
V
VDDIO_R1
Digital supply voltage for I/O ring 1 (1.8 V or 3.3 V)
-0.3
3.63
V
VDDIO_R2
Digital supply voltage for I/O ring 2 (3.3 V)
-0.3
3.63
V
VINB
Backup LDO input supply voltage (1.6 V to 4.3 V)
-0.3
4.8
V
VINL1
LDO1 input supply voltage (1.6 V to 4.3 V)
-0.3
4.8
V
VINL2
LDO2 input supply voltage (1.6 V to 4.3 V)
-0.3
4.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com