Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8090WG Datasheet(PDF) 28 Page - STMicroelectronics

Part # STA8090WG
Description  Fully Integrated GPS/Galileo/Glonass/QZSS receiver with embedded RF
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8090WG Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STA8090WG Datasheet HTML 24Page - STMicroelectronics STA8090WG Datasheet HTML 25Page - STMicroelectronics STA8090WG Datasheet HTML 26Page - STMicroelectronics STA8090WG Datasheet HTML 27Page - STMicroelectronics STA8090WG Datasheet HTML 28Page - STMicroelectronics STA8090WG Datasheet HTML 29Page - STMicroelectronics STA8090WG Datasheet HTML 30Page - STMicroelectronics STA8090WG Datasheet HTML 31Page - STMicroelectronics STA8090WG Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
Electrical characteristics
STA8090WG
28/34
DS11052 Rev 5
The oscillator amplifier specifications are shown in the following table:
Figure 3. 32.768 kHz crystal connection
To drive the 32.768 kHz crystal pins from an external clock source:
Disable the oscillator (bit28-OSCI_EN = 0b in PRCC_BACKUP_REG0 register). This
disables the internal inverter, thus reducing the power consumption to minimum. This
also allows to drive RTC_XTI input even when a crystal is connected between
RTC_XTI and RTC_XTO pins.
Drive the RTC_XTI pin with a square signal or a sine wave.
CMSXTAL
Motional capacitance(1)
–5.0
–
fF
COSXTAL
Shunt capacitance(1)
–1.3
–
pF
ESR
Resonance resistance(1)
––
80
kΩ
CL
External load capacitance(1)
–18
–
pF
1. Not tested in production.
Table 25. Oscillator amplifier specifications
Symbol
Parameter
Min.
Typ.
Max.
Unit
TS
Startup time(1)
1. Not tested in production.
0.2
0.3
0.6
s
DL
Drive level(1)
––
<0.1
µW
RLC
Required load capacitance(1)
–
12.5
–
pF
GM
Startup transconductance
22.5
33.6
–
µA/V
Table 26. Characteristics of external slow clock input
Symbol
Parameter
Min.
Typ.
Max.
Unit
TJIT (cc)
Cycle-to-cycle jitter
-70
–
70
ps
TJIT (per)
Period jitter
-70
–
70
ps
Table 24. Crystal recommended specifications (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit
CL =18pF
CL = 18 pF
32.768 kHz
Crystal
RTC_XTI
RCT_XTO
Device
GAPG0906151525PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com