Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH7070AY Datasheet(PDF) 47 Page - STMicroelectronics

Part # VNH7070AY
Description  Automotive fully integrated H-bridge motor driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7070AY Datasheet(HTML) 47 Page - STMicroelectronics

Back Button VNH7070AY Datasheet HTML 40Page - STMicroelectronics VNH7070AY Datasheet HTML 41Page - STMicroelectronics VNH7070AY Datasheet HTML 42Page - STMicroelectronics VNH7070AY Datasheet HTML 43Page - STMicroelectronics VNH7070AY Datasheet HTML 44Page - STMicroelectronics VNH7070AY Datasheet HTML 45Page - STMicroelectronics VNH7070AY Datasheet HTML 46Page - STMicroelectronics VNH7070AY Datasheet HTML 47Page - STMicroelectronics VNH7070AY Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
DS12207 Rev 5
47/48
VNH7070AY
Revision history
47
12
Revision history
Table 21. Document revision history
Date
Revision
Description of changes
13-Jul-2017
1
Initial release.
17-May-2018
2
Updated Table 7: Power section; Table 10: Protections and diagnostics
(7 V < VCC < 18 V; -40 °C < Tj < 150 °C); Table 11: MultiSense
(7 V < VCC < 18 V; -40 °C < Tj < 150 °C).
Updated Section 3.1: Power limitation (high-side driver) and Section 3.2: Thermal
shutdown (high-side and low-side).
25-Jan-2019
3
Updated in cover page the first feature with “AEC-Q100 qualified”.
Updated Table 6, Table 11, Table 17 and Figure 16.
Added Figure 23, Table 16, Figure 24, Figure 25 and Table 18.
11-Feb-2019
4
In Table 7 updated Typ. value for RONHS parameter.
In Table 11 updated Min. value for IOUT_SAT parameter.
14-Mar-2019
5
Updated Figure 23, Figure 24 and Figure 25.
Updated Table 16 and Table 18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com