Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH7070AY Datasheet(PDF) 28 Page - STMicroelectronics

Part # VNH7070AY
Description  Automotive fully integrated H-bridge motor driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7070AY Datasheet(HTML) 28 Page - STMicroelectronics

Back Button VNH7070AY Datasheet HTML 24Page - STMicroelectronics VNH7070AY Datasheet HTML 25Page - STMicroelectronics VNH7070AY Datasheet HTML 26Page - STMicroelectronics VNH7070AY Datasheet HTML 27Page - STMicroelectronics VNH7070AY Datasheet HTML 28Page - STMicroelectronics VNH7070AY Datasheet HTML 29Page - STMicroelectronics VNH7070AY Datasheet HTML 30Page - STMicroelectronics VNH7070AY Datasheet HTML 31Page - STMicroelectronics VNH7070AY Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
Protections
VNH7070AY
28/48
DS12207 Rev 5
3
Protections
3.1
Power limitation (high-side driver)
The basic working principle of this protection consists of an indirect measurement of the
junction temperature swing ∆Tj through the direct measurement of the spatial temperature
gradient on the device surface in order to automatically shut off the output MOSFET as soon
as ∆Tj exceeds the safety level of ∆Tj_SD. The protection prevents fast thermal transient
effects and, consequently, reduces thermo-mechanical fatigue. When Power Limitation is
reached, The device enters in latch mode and generates the Fault Flag on
Multisense=VsenseH when the faulty leg diagnostic is selected (please refer to Table 13).
3.2
Thermal shutdown (high-side and low-side)
In case the junction temperature of the device exceeds the maximum allowed threshold
(typically 175 °C), the device enters in latch mode and generates the Fault Flag on
Multisense = VsenseH (please refer to Table 13). The concerned high side can be switched
ON again as soon as Tj drops below TTR_HSD, INX is set low for a duration >
TLATCH_RST_HS and set high again.
3.3
Current limitation and over current detector
The device is equipped with an output current limiter in order to protect the silicon as well as
the other components of the system (e.g. bonding wires, wiring harness, connectors, loads,
etc.) from excessive current flow. High-side current limitation: in case of short-circuit,
overload or during load power-up, the output current is clamped to a safety level, ILIM_HSD,
by operating the output power MOSFET in the active region.
Low-side overcurrent detector: this protection senses the current flowing in the low-side. If
the current exceeds a safety level ISD_LS, the device will switch off after a filtering time
tsd_ld.
In case of fault conditions caused by Power Limitation or overtemperature or open
load/short to VCC in OFF state, the fault is indicated by the MultiSense pin being internally
switched to a “current limited” voltage source pulled to level VSENSEH (please refer to
Table 13).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com