Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMD3140 Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # PCMD3140
Description  PCMD3140-Q1 Quad-Channel, PDM Input to TDM or I2S Output Converter
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCMD3140 Datasheet(HTML) 72 Page - Texas Instruments

Back Button PCMD3140 Datasheet HTML 68Page - Texas Instruments PCMD3140 Datasheet HTML 69Page - Texas Instruments PCMD3140 Datasheet HTML 70Page - Texas Instruments PCMD3140 Datasheet HTML 71Page - Texas Instruments PCMD3140 Datasheet HTML 72Page - Texas Instruments PCMD3140 Datasheet HTML 73Page - Texas Instruments PCMD3140 Datasheet HTML 74Page - Texas Instruments PCMD3140 Datasheet HTML 75Page - Texas Instruments PCMD3140 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 111 page
background image
Figure 7-97. CH1_CFG4 Register
7
6
5
4
3
2
1
0
CH1_PCAL[7:0]
R/W-00000000b
Table 7-74. CH1_CFG4 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
CH1_PCAL[7:0]
R/W
00000000b
Channel 1 phase calibration with modulator clock resolution.
0d = No phase calibration
1d = Phase calibration delay is set to one cycle of the modulator
clock
2d = Phase calibration delay is set to two cycles of the modulator
clock
3d to 254d = Phase calibration delay as per configuration
255d = Phase calibration delay is set to 255 cycles of the modulator
clock
7.6.1.31 CH2_CFG0 Register (Address = 0x41) [Reset = 0x00]
CH2_CFG0 is shown in Figure 7-98 and described in Table 7-75.
Return to the Table 7-44.
This register is configuration register 0 for channel 2.
Figure 7-98. CH2_CFG0 Register
7
6
5
4
3
2
1
0
RESERVED
CH2_INSRC[1:0]
RESERVED
RESERVED
RESERVED
RESERVED
R/W-0b
R/W-00b
R/W-0b
R/W-00b
R-0b
R/W-0b
Table 7-75. CH2_CFG0 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R/W
0b
Reserved bit; Write only reset value
6-5
CH2_INSRC[1:0]
R/W
00b
Channel 2 input configuration.
0d = Input Source is not enabled
Dont use
2d = Digital microphone PDM input (configure the GPO and GPI pins
accordingly for PDMDIN1 and PDMCLK)
Dont use
4
RESERVED
R/W
0b
Reserved bit; Write only reset value
3-2
RESERVED
R/W
00b
Reserved bits; Write only reset values
1
RESERVED
R
0b
Reserved bit; Write only reset value
0
RESERVED
R/W
0b
Reserved bit; Write only reset value
7.6.1.32 CH2_CFG2 Register (Address = 0x43) [Reset = 0xC9]
CH2_CFG2 is shown in Figure 7-99 and described in Table 7-76.
Return to the Table 7-44.
This register is configuration register 2 for channel 2.
Figure 7-99. CH2_CFG2 Register
7
6
5
4
3
2
1
0
CH2_DVOL[7:0]
R/W-11001001b
PCMD3140-Q1
SBASAH3A – APRIL 2022 – REVISED SEPTEMBER 2022
www.ti.com
72
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: PCMD3140-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com