Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMD3140 Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # PCMD3140
Description  PCMD3140-Q1 Quad-Channel, PDM Input to TDM or I2S Output Converter
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCMD3140 Datasheet(HTML) 92 Page - Texas Instruments

Back Button PCMD3140 Datasheet HTML 88Page - Texas Instruments PCMD3140 Datasheet HTML 89Page - Texas Instruments PCMD3140 Datasheet HTML 90Page - Texas Instruments PCMD3140 Datasheet HTML 91Page - Texas Instruments PCMD3140 Datasheet HTML 92Page - Texas Instruments PCMD3140 Datasheet HTML 93Page - Texas Instruments PCMD3140 Datasheet HTML 94Page - Texas Instruments PCMD3140 Datasheet HTML 95Page - Texas Instruments PCMD3140 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 111 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The PCMD3140-Q1 is a multichannel, pulse-density-modulation (PDM) input to time-division multiplexing (TDM)
or I2S audio output converter that supports output sample rates of up to 768 kHz. The device supports up to four
digital pulse density modulation (PDM) microphones for simultaneous recording applications.
Communication to the PCMD3140-Q1 for configuration of the control registers is supported using an I2C
interface. The device supports a highly flexible, audio serial interface (TDM, I2S, and LJ) to transmit audio
data seamlessly in the system across devices.
8.2 Typical Application
8.2.1 Four-Channel Digital PDM Microphone Recording
Figure 8-1 shows a typical configuration of the PCMD3140-Q1 for an application using four digital PDM MEMS
microphones with simultaneous recording operation using an I2C control interface and the TDM audio data slave
interface. If the MICBIAS output is not used in the system then the 1-µF capacitor for the MICBIAS pin is not
used.
3.3 V
(3.0 V to 3.6 V)
OR
1.8 V
(1.65 V to 1.95 V)
0.1 μF
PCMD3140-Q1
DMIC1
DOUT
CLK
VDD
VSS
GND
MICBIAS_GPI2
Host
Processor
R Ω
R Ω
SEL
Rterm
IN2P_GPI1
IN2M_GPO1
Rterm
VDD
GND
1 μF
GND
10 μF
1 μF
0.1 μF
GND
0.1 μF
VDD
(3.0 V to 3.6 V)
Thermal Pad
(VSS)
GND
DREG
GND
IOVDD
GND
10 μF
0.1 μF
0.1 μF
10 μF
0.1 μF
DMIC2
DOUT
CLK
VDD
VSS
GND
SEL
VDD
Rterm
0.1 μF
DMIC3
DOUT
CLK
VDD
VSS
GND
SEL
Rterm
VDD
0.1 μF
DMIC4
DOUT
CLK
VDD
VSS
GND
SEL
VDD
Rterm
IN1P
IN1M
Figure 8-1. Four-Channel Digital PDM Microphone Recording Diagram
PCMD3140-Q1
SBASAH3A – APRIL 2022 – REVISED SEPTEMBER 2022
www.ti.com
92
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: PCMD3140-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com