Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF7012 Datasheet(PDF) 5 Page - Texas Instruments

Part # REF7012
Description  REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF7012 Datasheet(HTML) 5 Page - Texas Instruments

  REF7012 Datasheet HTML 1Page - Texas Instruments REF7012 Datasheet HTML 2Page - Texas Instruments REF7012 Datasheet HTML 3Page - Texas Instruments REF7012 Datasheet HTML 4Page - Texas Instruments REF7012 Datasheet HTML 5Page - Texas Instruments REF7012 Datasheet HTML 6Page - Texas Instruments REF7012 Datasheet HTML 7Page - Texas Instruments REF7012 Datasheet HTML 8Page - Texas Instruments REF7012 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
6 Pin Configuration and Functions
GND
VIN
EN
GND
GND
OUTF
OUTS
GND
1
2
3
4
8
7
6
5
Figure 6-1. FKH Package
8-Pin LCCC
Top View
VIN
EN
GND
OUTF
OUTS
GND
1
2
3
4
8
7
6
5
GND
GND
Figure 6-2. DGK Package
8-Pin VSSOP
Top View
Table 6-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
FKH
DGK
EN
1
1
Input
Device enable control. Low level input disables the reference output
and device enters shutdown mode. Device can be enabled by
driving voltage > 1.6V. If the pin is left floating, the internal pull up
will enable the device.
VIN
2
2
Power
Input supply voltage connection. Connect a minimum 0.1-μF
decoupling capacitor to ground for the best performance.
GND
3
3
Ground
Ground connection.
GND
4
4
Ground
Ground connection.
GND
5
5
Ground
Ground connection
OUTS
6
6
Input
Reference voltage output sense connection.
OUTF
7
7
Output
Reference voltage output force connection. Connect a output
capacitor between 1-μF to 100-μF for the best performance.
GND
8
8
Ground
Ground connection.
www.ti.com
REF70
SNAS781E – OCTOBER 2020 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: REF70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com