Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF7012 Datasheet(PDF) 26 Page - Texas Instruments

Part # REF7012
Description  REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF7012 Datasheet(HTML) 26 Page - Texas Instruments

Back Button REF7012 Datasheet HTML 22Page - Texas Instruments REF7012 Datasheet HTML 23Page - Texas Instruments REF7012 Datasheet HTML 24Page - Texas Instruments REF7012 Datasheet HTML 25Page - Texas Instruments REF7012 Datasheet HTML 26Page - Texas Instruments REF7012 Datasheet HTML 27Page - Texas Instruments REF7012 Datasheet HTML 28Page - Texas Instruments REF7012 Datasheet HTML 29Page - Texas Instruments REF7012 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
10.2.1.1 Design Requirements
A detailed design procedure is based on a design example. For this design example, use the parameters listed
in Table 10-1 as the input parameters.
Table 10-1. Design Example Parameters
DESIGN PARAMETER
VALUE
Input voltage VIN
5.5 V
Output voltage VOUT
2.5 V
REF7025 input capacitor
10-µF
REF7025 output capacitor
10-µF
10.2.1.2 Detailed Design Procedure
10.2.1.2.1 Input and Output Capacitors
A 1 μF to 10 μF bypass capacitor should be connected to the input to improve transient response in applications
where the supply voltage may fluctuate. Connect an additional 0.1 μF capacitor in parallel to reduce high
frequency supply noise.
A low ESR capacitor of 1 μF to 100 μF must be connected to the output to improve stability and help filter
out high frequency noise. Best performance and stability is attained with low-ESR output capacitors with an
ESR from 10 mΩ to 400 mΩ. For very low noise applications, special care must be taken with X7R and
other MLCC capacitors due to their piezoelectric effect. Mechanical vibration can transduce to voltage via the
piezoelectric effect which appears as noise in the μV range, potentially dominating the noise of the REF70. More
information on how the piezoelectric effect can be explored in systems can be found in Stress-induced outbursts:
Microphonics in ceramic capacitors (Part 1) and Stress-induced outbursts: Microphonics in ceramic capacitors
(Part 2). It is recommended that to use film capacitors for noise sensitive applications.
The transient startup response of the REF70 is shown in Figure 10-2. The startup response of the REF70 family
is dependent on the output capacitor. While larger capacitors will decrease the output noise, they will increase
the startup response.
REF70
SNAS781E – OCTOBER 2020 – REVISED JULY 2022
www.ti.com
26
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: REF70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com