Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF7025 Datasheet(PDF) 13 Page - Texas Instruments

Part # REF7025
Description  REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF7025 Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF7025 Datasheet HTML 9Page - Texas Instruments REF7025 Datasheet HTML 10Page - Texas Instruments REF7025 Datasheet HTML 11Page - Texas Instruments REF7025 Datasheet HTML 12Page - Texas Instruments REF7025 Datasheet HTML 13Page - Texas Instruments REF7025 Datasheet HTML 14Page - Texas Instruments REF7025 Datasheet HTML 15Page - Texas Instruments REF7025 Datasheet HTML 16Page - Texas Instruments REF7025 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
7.11 Typical Characteristics
at TA = 25°C, VIN = VEN = VREF + 0.5 V, IL = 0 mA, CL = 10 μF, CIN = 0.1 μF, VREF = 2.5 V (unless otherwise noted)
Temperature (°C)
-50
-25
0
25
50
75
100
125
2.499
2.49925
2.4995
2.49975
2.5
2.50025
2.5005
2.50075
2.501
Figure 7-1. Output Voltage Vs Free-Air Temperature
Temperature Drift -40°C to 125°C (ppm/°C)
0
10%
20%
30%
40%
50%
Figure 7-2. Temperature Drift Distribution
Output Initial Accuracy (%)
0
10%
20%
30%
40%
50%
Figure 7-3. Accuracy Distribution
Temperature (qC)
-50
-25
0
25
50
75
100
125
0
2
4
6
8
10
12
14
16
Figure 7-4. Line Regulation vs Temperature
Temperature (°C)
-50
-25
0
25
50
75
100
125
0
2
4
6
8
10
12
14
16
Figure 7-5. Load Regulation (Sourcing) vs Temperature
Temperature (°C)
-50
-25
0
25
50
75
100
125
0
2
4
6
8
10
12
14
16
Figure 7-6. Load Regulation (Sinking) vs Temperature
www.ti.com
REF70
SNAS781E – OCTOBER 2020 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: REF70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com