Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF7025 Datasheet(PDF) 19 Page - Texas Instruments

Part # REF7025
Description  REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF7025 Datasheet(HTML) 19 Page - Texas Instruments

Back Button REF7025 Datasheet HTML 15Page - Texas Instruments REF7025 Datasheet HTML 16Page - Texas Instruments REF7025 Datasheet HTML 17Page - Texas Instruments REF7025 Datasheet HTML 18Page - Texas Instruments REF7025 Datasheet HTML 19Page - Texas Instruments REF7025 Datasheet HTML 20Page - Texas Instruments REF7025 Datasheet HTML 21Page - Texas Instruments REF7025 Datasheet HTML 22Page - Texas Instruments REF7025 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
Thermal Hysteresis (ppm)
120 130 140 150 160 170 180 190 200 210 220 230 240
0
10%
20%
30%
40%
50%
Figure 8-4. REF7025 Thermal Hysteresis
Distribution (-40°C to 125°C)
Thermal Hysteresis (ppm)
0
10%
20%
30%
40%
50%
0
10
20
30
40
Figure 8-5. REF7012 Thermal Hysteresis
Distribution (-40°C to 125°C)
8.4 Noise Performance
8.4.1 1/f Noise
1/f noise, also known as flicker noise, is a low frequency noise that affects the device output voltage which can
affect precision measurements in ADCs. This noise increases proportionally with output voltage and operating
temperature. It is measured by filtering the output from 0.1-Hz to 10-Hz. Since the 1/f noise is an extremely
low value, the frequency of interest needs to be amplified and band-pass filtered. This is done by using a
high-pass filter to block the DC voltage. The resulting noise is then amplified by a gain of 1000. The bandpass
filter is created by a series of high-pass and low-pass filter that adds additional gain to make it more visible
on a oscilloscope as shown in Figure 8-6. 1/f noise must be tested in a Faraday cage enclosure to block
environmental noise.
REF70xx
GND
OUTS
OUTF
VIN EN
VIN
CL
CIN
VREFP
High-pass Filter
FC = 0.07 Hz
Low Noise
Preamplifier
G = 1000
2
nd Order
Low-pass Filter
FC = 10 Hz
G = 1
2
nd Order
Low-pass Filter
FC = 10 Hz
G = 10
2
nd Order
High-pass Filter
FC = 0.1 Hz
G = 10
Scope
Copyright © 2017, Texas Instruments Incorporated
Figure 8-6. 1/f Noise Test Setup
Typical 1/f noise (0.1-Hz to 10-Hz) distribution can be seen in Figure 8-7.
www.ti.com
REF70
SNAS781E – OCTOBER 2020 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: REF70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com