Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-TGR-CVL-B-5-R Datasheet(PDF) 71 Page - Omron Electronics LLC

Part # F39-TGR-CVL-B-5-R
Description  Safety Light Curtain Type 4
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-TGR-CVL-B-5-R Datasheet(HTML) 71 Page - Omron Electronics LLC

Back Button F39-TGR-CVL-B-5-R Datasheet HTML 67Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 68Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 69Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 70Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 71Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 72Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 73Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 74Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 75Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 98 page
background image
53
MS4800FS system data with 14 mm resolution
Section 15-6
15-6 MS4800FS system data with 14 mm resolution
* This size is not available for Master or Standalone models.
240 mm*
280 mm
320 mm
360 mm
400 mm
440 mm
A
244,6
284,4
324,8
364,5
404,2
443,9
B1
380,6
420,4
460,8
500,5
540,2
579,9
B2
362,1
401,9
442,3
482,0
521,7
561,4
C1
341,9
381,7
422,1
461,8
501,5
541,2
C2
323,3
363,1
403,5
443,2
482,9
522,6
D
389,8
429,6
470,0
509,7
549,4
589,1
E1
326,0
365,8
401,4
445,9
481,4
525,3
E2
371,3
411,1
451,5
491,2
530,9
570,6
Weight
1,55 kg
1,68 kg
1,81 kg
1,95 kg
2,13 kg
2,40 kg
Number of
Beams
24
28
32
36
40
44
480 mm
520 mm
560 mm
600 mm
640 mm
680 mm
A
484,3
523,4
563,7
604,1
643,9
683,6
B1
620,3
659,4
699,7
740,1
779,9
819,6
B2
601,8
640,9
681,2
721,6
761,4
801,1
C1
581,6
620,7
661,0
701,4
741,2
780,9
C2
563,0
602,1
642,4
682,8
722,6
762,3
D
629,5
668,6
708,9
749,3
789,1
828,8
E1
561,2
604,8
641,4
685,5
725,3
761,2
E2
611,0
650,1
690,4
730,8
770,6
810,3
Weight
2,49 kg
2,63 kg
2,81 kg
2,99 kg
3,18 kg
3,36 kg
Number of
Beams
48
52
56
60
64
68
720 mm
760 mm
800 mm
840 mm
880 mm
920 mm
A
724,0
762,0
803,5
843,4
882,8
923,8
B1
860,0
898,0
939,5
979,8
1018,8
1059,8
B2
841,5
879,5
921,0
961,3
1000,3
1041,3
C1
821,3
859,3
900,8
941,1
980,1
1021,1
C2
802,7
840,7
882,2
922,5
961,5
1002,5
D
869,2
907,1
948,7
989,0
1028,0
1069,0
E1
805,4
841,4
884,9
921,4
964,2
1005,2
E2
850,7
888,7
930,2
970,5
1009,6
1050,5
Weight
3,54kg
3,76kg
3,90kg
4,08kg
4,26kg
4,45kg
Number of
Beams
72
76
80
84
88
92
960 mm
1000 mm
1040 mm
1080 mm
1120 mm
1160 mm
A
963,6
1002,6
1042,9
1083,9
1122,3
1162,7
B1
1099,6
1138,6
1178,9
1219,9
1258,3
1298,7
B2
1081,1
1120,1
1160,4
1201,4
1239,8
1280,2
C1
1060,9
1099,9
1140,2
1181,2
1219,6
1260,0
C2
1042,3
1081,3
1121,6
1162,6
1201,0
1241,4
D
1108,8
1147,8
1188,1
1229,1
1267,5
1307,9
E1
1045,0
1084,0
1124,3
1165,3
1203,7
1244,1
E2
1090,3
1129,3
1169,6
1210,6
1249,0
1289,5
Weight
4,63 kg
4,81 kg
4,99 kg
5,17 kg
5,35 kg
5,53 kg
Number of
Beams
96
100
104
108
112
116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com