Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-TGR-CVL-B-5-R Datasheet(PDF) 46 Page - Omron Electronics LLC

Part # F39-TGR-CVL-B-5-R
Description  Safety Light Curtain Type 4
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-TGR-CVL-B-5-R Datasheet(HTML) 46 Page - Omron Electronics LLC

Back Button F39-TGR-CVL-B-5-R Datasheet HTML 42Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 43Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 44Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 45Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 46Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 47Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 48Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 49Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 50Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 98 page
background image
28
Safety distance and beam heights in access guarding
Section 9-3
9-3
Safety distance and beam heights in access guarding
!WARNING Additional countermeasures may be necessary to prevent access to the dan-
gerous area from above, below, the sides or the rear of the machine.
According to EN999 and EN294:
The height of the protective field "H" above the reference plane and the reso-
lution "d" of the MS4800 system have the following relationship:
S =
(K x T) + C
For K and T please refer to the previous chapter
C =
8 x (d - 14)
d = resolution of the MS4800 system
S =
(2000 mm x T) + 8 x (d - 14)
H
S
L
Direction of
approach
Resolution
Lowest beam above
reference plane
Highest beam above
reference plane
Additional
amount C
(see formula)
14 mm
In accordance with
EN 294
In accordance with
EN 294
0mm
30 mm
In accordance with
EN 294
In accordance with
EN 294
128 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com