Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7436F Datasheet(PDF) 2 Page - Texas Instruments

Part # TMUX7436F
Description  TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7436F Datasheet(HTML) 2 Page - Texas Instruments

  TMUX7436F Datasheet HTML 1Page - Texas Instruments TMUX7436F Datasheet HTML 2Page - Texas Instruments TMUX7436F Datasheet HTML 3Page - Texas Instruments TMUX7436F Datasheet HTML 4Page - Texas Instruments TMUX7436F Datasheet HTML 5Page - Texas Instruments TMUX7436F Datasheet HTML 6Page - Texas Instruments TMUX7436F Datasheet HTML 7Page - Texas Instruments TMUX7436F Datasheet HTML 8Page - Texas Instruments TMUX7436F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Thermal Information....................................................5
6.4 Recommended Operating Conditions.........................5
6.5 Electrical Characteristics: Global................................ 6
6.6 ±15 V Dual Supply: Electrical Characteristics.............7
6.7 ±20 V Dual Supply: Electrical Characteristics...........10
6.8 12 V Single Supply: Electrical Characteristics.......... 13
6.9 36 V Single Supply: Electrical Characteristics.......... 16
7 Parameter Measurement Information.......................... 19
7.1 On-Resistance.......................................................... 19
7.2 Off-Leakage Current................................................. 20
7.3 On-Leakage Current................................................. 20
7.4 Input and Output Leakage Current Under
Overvoltage Fault........................................................ 21
7.5 Enable Delay Time....................................................22
7.6 Break-Before-Make Delay.........................................22
7.7 Fault Response Time................................................23
7.8 Fault Recovery Time.................................................23
7.9 Fault Flag Response Time........................................24
7.10 Fault Flag Recovery Time.......................................24
7.11 Charge Injection...................................................... 25
7.12 Off Isolation.............................................................25
7.13 Crosstalk................................................................. 26
7.14 Bandwidth............................................................... 27
7.15 THD + Noise........................................................... 27
8 Detailed Description......................................................28
8.1 Overview................................................................... 28
8.2 Functional Block Diagram......................................... 28
8.3 Feature Description...................................................28
8.4 Device Functional Modes..........................................32
9 Application and Implementation.................................. 34
9.1 Application Information............................................. 34
9.2 Typical Application.................................................... 34
10 Power Supply Recommendations..............................36
11 Layout........................................................................... 36
11.1 Layout Guidelines................................................... 36
11.2 Layout Example...................................................... 36
12 Device and Documentation Support..........................37
12.1 Documentation Support.......................................... 37
12.2 Receiving Notification of Documentation Updates..37
12.3 Support Resources................................................. 37
12.4 Trademarks.............................................................37
12.5 Electrostatic Discharge Caution..............................37
12.6 Glossary..................................................................37
13 Mechanical, Packaging, and Orderable
Information.................................................................... 37
13.1 Tape and Reel Information......................................44
4 Revision History
DATE
REVISION
NOTES
October 2022
*
Initial Release
TMUX7436F
SCDS459 – OCTOBER 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUX7436F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com