Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7436F Datasheet(PDF) 21 Page - Texas Instruments

Part # TMUX7436F
Description  TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7436F Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX7436F Datasheet HTML 17Page - Texas Instruments TMUX7436F Datasheet HTML 18Page - Texas Instruments TMUX7436F Datasheet HTML 19Page - Texas Instruments TMUX7436F Datasheet HTML 20Page - Texas Instruments TMUX7436F Datasheet HTML 21Page - Texas Instruments TMUX7436F Datasheet HTML 22Page - Texas Instruments TMUX7436F Datasheet HTML 23Page - Texas Instruments TMUX7436F Datasheet HTML 24Page - Texas Instruments TMUX7436F Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
7.4 Input and Output Leakage Current Under Overvoltage Fault
If any of the source pin voltage goes above the supplies (VDD or VSS) by one threshold voltage (VT), then the
overvoltage protection feature of the TMUX7436F is triggered to turn off the switch under fault, keeping the
fault channel in a high-impedance state. IS(FA) and ID(FA) denotes the input and output leakage current under
overvoltage fault conditions, respectively. When the overvoltage fault occurs, the supply (or supplies) can either
be in normal operating condition (Figure 7-4) or abnormal operating condition (Figure 7-5). During abnormal
operating condition, the supply (or supplies) can either be unpowered (VDD= VSS = 0 V) or floating (VDD= VSS =
no connection), and remains within the leakage performance specifications.
S1A
GND
VS
D1
VD
A
IS (FA)
S1B
VDD
VSS
S2A
VS
D2
VD
A
IS (FA)
S2B
A
ID (FA)
A
ID (FA)
N.C.
N.C.
IS(FA) / ID(FA)
( |VS| > |VDD + VT| or |VSS - VT| )
Figure 7-4. Measurement Setup for Input and Output Leakage Current under Overvoltage Fault With
Normal Supplies
S1A
GND
VS
D1
A
IS (FA)
S1B
S2A
VS
D2
A
IS (FA)
S2B
A
ID (FA)
A
ID (FA)
N.C.
N.C.
S1A
GND
VS
D1
A
IS (FA)
S1B
S2A
VS
D2
A
IS (FA)
S2B
A
ID (FA)
A
ID (FA)
N.C.
N.C.
VDD
VSS
GND
VDD
VSS
N.C.
Unpowered
(VDD = VSS = GND = 0 V)
Floating
(VDD = VSS = N.C.)
Figure 7-5. Measurement Setup for Input and Output Leakage Current under Overvoltage Fault With
Unpowered or Floating Supplies
www.ti.com
TMUX7436F
SCDS459 – OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX7436F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com