Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS613761 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS613761
Description  TPS61376 23-VIN, 25-VOUT, 4.5-A, Boost Converter with up to ±2.5% accuracy Input Average Current Limit and True Load Disconnection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS613761 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS613761 Datasheet HTML 17Page - Texas Instruments TPS613761 Datasheet HTML 18Page - Texas Instruments TPS613761 Datasheet HTML 19Page - Texas Instruments TPS613761 Datasheet HTML 20Page - Texas Instruments TPS613761 Datasheet HTML 21Page - Texas Instruments TPS613761 Datasheet HTML 22Page - Texas Instruments TPS613761 Datasheet HTML 23Page - Texas Instruments TPS613761 Datasheet HTML 24Page - Texas Instruments TPS613761 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
9.2.3 Application Curves (continued)
Time Scale 200 s/div
VOUT(AC)
300mV/div
IOUT
500mA/div
VIN = 3.3 V
VOUT = 12 V
Figure 9-8. Load Transient (IOUT = 0.1 to 0.5 A)
Time Scale 200 s/div
VOUT(AC)
300mV/div
IOUT
500mA/div
VIN = 8.4 V
VOUT = 12 V
Figure 9-9. Load Transient (IOUT = 0.1 to 0.5 A)
Time Scale 200 s/div
VOUT(AC)
200mV/div
IL
1A/div
VIN
3V/div
VOUT = 12 V
IOUT = 0.5 A
Figure 9-10. Line Transient (VIN = 3.3 V to 8.4 V)
9.3 Power Supply Recommendations
The device is designed to operate from an input voltage supply range between 2.9 V to 23 V. This input supply
must be well regulated. If the input supply is located more than a few inches from the converter, additional bulk
capacitance can be required in addition to the ceramic bypass capacitors. A typical choice is an electrolytic or
tantalum capacitor with a value of 47 μF.
9.4 Layout
9.4.1 Layout Guidelines
As for all switching power supplies, especially those running at high switching frequency and high current, layout
is an important design step. If the layout is not carefully done, the regulator can suffer from instability and noise
problems. To maximize efficiency, switch rise and fall times are very fast. To prevent radiation of high-frequency
noise (for example, EMI), proper layout of the high-frequency switching path is essential. Minimize the length
and area of all traces connected to the SW pin, and always use a ground plane under the switching regulator to
minimize interplane coupling.
The input capacitor needs to be close to the VIN pin and PGND pin in order to reduce the Iinput supply ripple.
The power paths of SW, D1,output capacitor and PGND should be as small as possible, in order to reduce
parasitic inductance.
The layout should also be done with well consideration of the thermal as this is a high power density device. The
VP, SW, VOUT and PGND pins that improves the thermal capabilities of the package should be soldered with
the large polygon, using thermal vias underneath the SW pin could improve thermal performance.
www.ti.com
TPS61376
SLVSGQ1A – JANUARY 2022 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS61376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com