Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS613761 Datasheet(PDF) 23 Page - Texas Instruments

Part # TPS613761
Description  TPS61376 23-VIN, 25-VOUT, 4.5-A, Boost Converter with up to ±2.5% accuracy Input Average Current Limit and True Load Disconnection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS613761 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS613761 Datasheet HTML 19Page - Texas Instruments TPS613761 Datasheet HTML 20Page - Texas Instruments TPS613761 Datasheet HTML 21Page - Texas Instruments TPS613761 Datasheet HTML 22Page - Texas Instruments TPS613761 Datasheet HTML 23Page - Texas Instruments TPS613761 Datasheet HTML 24Page - Texas Instruments TPS613761 Datasheet HTML 25Page - Texas Instruments TPS613761 Datasheet HTML 26Page - Texas Instruments TPS613761 Datasheet HTML 27Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
9.4.2.1 Thermal Considerations
The maximum IC junction temperature should be restricted to 125°C under normal operating conditions.
Calculate the maximum allowable dissipation, PD(max), and keep the actual power dissipation less than or equal
to PD(max). The maximum-power-dissipation limit is determined using Equation 20.
A
D(max)
JA
125
T
P
R
T
(20)
where
• TA is the maximum ambient temperature for the application.
• RθJA is the junction-to-ambient thermal resistance given in the Thermal Information table.
The TPS61376 comes in a thermally-enhanced VQFN package. The real junction-to-ambient thermal resistance
of the package greatly depends on the PCB type, layout, and thermal pad connection. Using thick PCB copper
and soldering the thermal pad to a large ground plate enhance the thermal performance. Using more vias
connects the ground plate on the top layer and bottom layer around the IC without solder mask also improves
the thermal capability.
www.ti.com
TPS61376
SLVSGQ1A – JANUARY 2022 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TPS61376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com