Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGS2442 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # TGS2442
Description  Detection of Carbon Monoxide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TGS2442 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button TGS2442 Datasheet HTML 17Page - List of Unclassifed Manufacturers TGS2442 Datasheet HTML 18Page - List of Unclassifed Manufacturers TGS2442 Datasheet HTML 19Page - List of Unclassifed Manufacturers TGS2442 Datasheet HTML 20Page - List of Unclassifed Manufacturers TGS2442 Datasheet HTML 21Page - List of Unclassifed Manufacturers TGS2442 Datasheet HTML 22Page - List of Unclassifed Manufacturers TGS2442 Datasheet HTML 23Page - List of Unclassifed Manufacturers TGS2442 Datasheet HTML 24Page - List of Unclassifed Manufacturers TGS2442 Datasheet HTML 25Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Revised 04/01
6
CALIBRATION OF TGS2442
3. Calibration Using Classified Sensors
This section describes the procedure for calibrating
at 100ppm of CO using sensors classified as shown
in Tables 4 and 5. Figure 8 illustrates the flow of the
calibration process, including the method of signal
processing which takes place in the microcomputer.
3-1. Preheating
To stabilize sensor characteristics prior to calibration,
it is recommended that sensors be preheated under
standard circuit conditions for 2 - 7 days. To shorten
preheating time and simplify this process, Figaro is
currently studying alternative methods and will issue
new recommendations shortly.
3-2. Pre-calibration (adjustment during assembly)
a. Select a load resistor (RL)
Select the load resistor (RL, same as RA in Figure 1)
based on the Rs grade shown in Table 4. For optimal
resolution, the RL used should have a value as close
as possible to the Rs grade’s center value. The sensor
output signal (V1) at the calibration concentration
should be near 2.5V which is 1/2 the value of Vc.
According to the maximum and minimum values of
Rs values for each Rs grade as shown in Table 4, V1
would fall in the following range:
1.70 v
≤ V1 (at 100ppm) ≤ 3.30 v
b. Compensation according to β grade
Each Rs grade is divided into six β grades as shown
in Table 5. Using data from this table, α values for
these grades can be determined as follows and should
be stored in the microcomputer (see Table 6):
α = log β (center) / log (300/100)
Using the α value calculated above, compensation
for β grade can be done by utilizing a circuit such as
that shown in Figure 9 and connecting the three
jumper lines as indicated in Table 6.
e
d
a
r
G
βββββ
)
m
p
p
0
0
1
n
i
s
R
/
m
p
p
0
0
3
n
i
s
R
(
.
n
i
M
r
e
t
n
e
C
.
x
a
M
A0
3
2
.
05
8
2
.
00
4
3
.
0
B0
6
2
.
05
1
3
.
00
7
3
.
0
C0
9
2
.
05
4
3
.
00
0
4
.
0
D0
2
3
.
05
7
3
.
00
3
4
.
0
E0
5
3
.
05
0
4
.
00
6
4
.
0
F0
8
3
.
05
3
4
.
00
9
4
.
0
e
d
a
r
G
k
(
m
p
p
0
0
1
O
C
n
i
s
R
Ω)
d
e
d
n
e
m
m
o
c
e
R
RL k
(
Ω)
.
n
i
M
r
e
t
n
e
C
.
x
a
M
11
8
.
61
.
2
15
.
1
22
1
20
.
0
18
.
7
16
.
1
38
1
37
.
4
11
.
6
24
.
6
47
2
45
.
1
23
.
8
31
.
8
69
3
Table 4 - Rs grades of TGS2442
Table 5 -
β grades of TGS2442
Figure 9 - Recommended circuit for
β grade compensation
βββββ
e
d
a
r
G
ααααα
e
u
l
a
V
r
e
p
m
u
J
n
o
i
t
c
e
n
n
o
C
A4
1
.
1
-1
0
0
B5
0
.
1
-0
1
0
C9
6
9
.
0
-1
1
0
D2
6
8
.
0
-0
0
1
E3
2
8
.
0
-1
0
1
F8
5
7
.
0
-0
1
1
Table 6 - Recommended jumper connections
for
β grade compensation circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com