Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGS2442 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TGS2442
Description  Detection of Carbon Monoxide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TGS2442 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TGS2442 Datasheet HTML 3Page - List of Unclassifed Manufacturers TGS2442 Datasheet HTML 4Page - List of Unclassifed Manufacturers TGS2442 Datasheet HTML 5Page - List of Unclassifed Manufacturers TGS2442 Datasheet HTML 6Page - List of Unclassifed Manufacturers TGS2442 Datasheet HTML 7Page - List of Unclassifed Manufacturers TGS2442 Datasheet HTML 8Page - List of Unclassifed Manufacturers TGS2442 Datasheet HTML 9Page - List of Unclassifed Manufacturers TGS2442 Datasheet HTML 10Page - List of Unclassifed Manufacturers TGS2442 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Revised 03/00
5
TECHNICAL INFORMATION FOR TGS2442
3. Basic Sensitivity Characteristics
3-1 Sensitivity to various gases
Figure 7 shows the sensor’s relative sensitivity to
various gases. The Y-axis shows the ratio of sensor
resistance in various gases (Rs) to the sensor
resistance in 100ppm of CO (Ro).
As shown by Figure 7, TGS2442 shows very good
sensitivity to CO since the sensitivity curve to CO
shows a sharp drop in sensor resistance as CO
concentration increases. In comparison, sensitivity
to ethanol (C2H5OH) is very low as evidenced by the
relatively flat slope of its sensitivity curve and high
resistance values.
The amount of CO generated by cigarette smoke is
roughly equivalent to 20ppm of CO when 10
cigarettes are smoked in a room of roughly 24 cubic
meters in size. As a result, the influence of cigarette
smoke itself would not be sufficient to cause the
sensor to generate an alarm for residential detectors
using TGS2442 which are normally calibrated to
alarm at 100ppm of CO.
3-2 Temperature and humidity dependency
Figure 8a shows the temperature dependency of
TGS2442. The Y-axis shows the ratio of sensor
resistance for various CO concentrations under
various temperature conditions (Rs) to the sensor
resistance in 100ppm of CO at 50%RH (Ro).
Figure 8b shows the humidity dependency of
TGS2442. The Y-axis shows the ratio of sensor
resistance for various CO concentrations under
various relative humidity conditions (Rs) to the
sensor resistance in 100ppm of CO at 20˚C.
An inexpensive way to compensate for temperature
dependency to a certain extent would be to
incorporate a thermistor in the detection circuit (please
refer to Section 5-2).
Figure 7 - Sensitivity to various gases
(Ro = Rs in 100ppm of CO)
0.01
0.1
1
10
100
1
10
100
1000
10000
Gas Concentration (ppm)
Air
CO
Ethanol
H2
0.1
1
10
100
1000
-20
-10
0
10203040
5060
Temperature (˚C)
Air
CO 30ppm
CO 100ppm
CO 300ppm
50%RH
0.1
1
10
100
0
20406080
100
Humidity (%RH)
Air
CO 30ppm
CO 100ppm
CO 300ppm
20˚C
Figure 8a - Temperature dependency at 50%RH
(Ro = Rs in 100ppm of CO at 20˚C)
Figure 8b - Humidity dependency at 20˚C
(Ro = Rs in 100ppm of CO at 50%RH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com