Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA802B Datasheet(PDF) 3 Page - STMicroelectronics

Part # FDA802B
Description  2x150 W/1x300 W class D digital input automotive power amplifier with load value recognition and low voltage operation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA802B Datasheet(HTML) 3 Page - STMicroelectronics

  FDA802B Datasheet HTML 1Page - STMicroelectronics FDA802B Datasheet HTML 2Page - STMicroelectronics FDA802B Datasheet HTML 3Page - STMicroelectronics FDA802B Datasheet HTML 4Page - STMicroelectronics FDA802B Datasheet HTML 5Page - STMicroelectronics FDA802B Datasheet HTML 6Page - STMicroelectronics FDA802B Datasheet HTML 7Page - STMicroelectronics FDA802B Datasheet HTML 8Page - STMicroelectronics FDA802B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DocID030735 Rev 2
3/12
FDA802B
Description
12
1
Description
The FDA802B is a dual bridge class D amplifier, designed in the most advanced BCD
technology specially intended for car radio applications.
The FDA802B integrates a high performance D/A converter together with powerful
MOSFET outputs in class D, to get an outstanding efficiency compared to the standard
class AB.
The integrated D/A converter allows to reach outstanding performances (110 dB S/N ratio
with 110 dB of dynamic range).
Thanks to the high-voltage MOSFET output stages it can operate both under standard car
battery (6-18 V) and under boosted power supply (up to 50 V) to reach the highest possible
power with integrated solution.
The feedback loop is including the output L-C low-pass filter, allowing superior frequency
response linearity and lower distortion independently from the inductor and capacitor quality.
FDA802B is fully configurable through I2C bus interface and integrates a complete
diagnostics array specially intended for automotive applications.
Thanks to the solutions implemented to solve the EMI problems, the device is intended to
be used in the standard single DIN car-radio box together with the tuner.
Moreover FDA802B is able to work with power supply as low as 5.5 V, thus supporting the
most recent low voltage ('start-stop') car-makers specification.
The device provides a breakthrough innovative digital impedance-meter which is able to
communicate via I2C the output load value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com