Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA802B Datasheet (PDF) - STMicroelectronics

FDA802B Datasheet PDF - STMicroelectronics
Part # FDA802B
Download  FDA802B Download
File Size   301.87 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2x150 W/1x300 W class D digital input automotive power amplifier with load value recognition and low voltage operation

FDA802B Datasheet (PDF)

Go To PDF Page Download Datasheet
FDA802B Datasheet PDF - STMicroelectronics

Part # FDA802B
Download  FDA802B Click to download

File Size   301.87 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2x150 W/1x300 W class D digital input automotive power amplifier with load value recognition and low voltage operation

FDA802B Datasheet (HTML) - STMicroelectronics


FDA802B Product details

Features
 AEC-Q100 (rev. G) qualified
 Integrated 110 dB D/A conversion
 I2S and TDM digital input (3.3/1.8 V)
 Input sampling frequency: 44.1 kHz, 48 kHz, 96
kHz, 192 kHz
 Full I2C bus driving (3.3/1.8 V) with 8 different
I2C bus addresses
 EMI control for FM/AM compatibility
 EMI compliance evaluated following normative
IEC61967-4 and IEC62132-4
 Low radiation function (LRF)
 Very low quiescent current
 Output low-pass filter included in the feedback
allowing outstanding audio performances
 Wide operating supply range: target 5.5 V-50 V
 MOSFET power outputs allowing high output
power capability under step-up voltage:
– 2 x 120 W /4 Ω @ 35 V, 1 kHz THD = 1%
(2 x150 W /4 Ω @ 35 V, 1 kHz THD =10%)
– 2 x 140 W /8 Ω @ 50 V, 1 kHz THD = 1%
(2 x180 W /8 Ω @ 50 V, 1 kHz THD =10%)
– 2 x 270 W /8 Ω @ 50 V max output power
 Operation under standard car battery with high
output power:
– 2 x 22 W /4 Ω @ 14 V, 1 kHz THD = 1%
(2 x 28 W /4 Ω @ 14 V, 1 kHz THD = 10%)
– 2 x 37 W /2 Ω @ 14 V, 1 kHz THD = 1%
(2 x 46 W /2 Ω @ 14 V, 1 kHz THD = 10%)
 Possibility to drive 2 Ω loads (until 18 V)
 Independent channel operation
 I2C bus diagnostics:
– Short to Vcc/GND diagnostic (including soft
shorts up to 1k Ω)
– DC load diagnostic
– AC load diagnostic (working both with
internally generated and externally
generated tone)
 Integrated fault protection
 Input and output offset detector
 Clipping detector
 Legacy mode ('no I2C' mode)
 Short circuit and ESD integrated protections
 Package: LQFP64 exposed pad up

Description
The FDA802B is a dual bridge class D amplifier, designed in the most advanced BCD
technology specially intended for car radio applications.
The FDA802B integrates a high performance D/A converter together with powerful
MOSFET outputs in class D, to get an outstanding efficiency compared to the standard
class AB.
The integrated D/A converter allows to reach outstanding performances (110 dB S/N ratio
with 110 dB of dynamic range).
Thanks to the high-voltage MOSFET output stages it can operate both under standard car
battery (6-18 V) and under boosted power supply (up to 50 V) to reach the highest possible
power with integrated solution.
The feedback loop is including the output L-C low-pass filter, allowing superior frequency
response linearity and lower distortion independently from the inductor and capacitor quality.
FDA802B is fully configurable through I2C bus interface and integrates a complete
diagnostics array specially intended for automotive applications.
Thanks to the solutions implemented to solve the EMI problems, the device is intended to
be used in the standard single DIN car-radio box together with the tuner.
Moreover FDA802B is able to work with power supply as low as 5.5 V, thus supporting the
most recent low voltage ('start-stop') car-makers specification.
The device provides a breakthrough innovative digital impedance-meter which is able to
communicate via I2C the output load value.




Similar Part No. - FDA802B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FDA802 STMICROELECTRONICS-FDA802 Datasheet
300Kb / 12P
2x150 W/1x300 W class D digital input automotive power amplifier with diagnostics features and low voltage
22-Aug-2017
FDA802-VYT STMICROELECTRONICS-FDA802-VYT Datasheet
300Kb / 12P
2x150 W/1x300 W class D digital input automotive power amplifier with diagnostics features and low voltage
22-Aug-2017
FDA802-VYY STMICROELECTRONICS-FDA802-VYY Datasheet
300Kb / 12P
2x150 W/1x300 W class D digital input automotive power amplifier with diagnostics features and low voltage
22-Aug-2017
FDA802S STMICROELECTRONICS-FDA802S Datasheet
276Kb / 15P
2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
30-Aug-2021
FDA802S-VYT STMICROELECTRONICS-FDA802S-VYT Datasheet
276Kb / 15P
2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
30-Aug-2021
More results


Similar Description - FDA802B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2505-Q1 TI1-TAS2505-Q1 Datasheet
663Kb / 35P
2.6-W Digital/Analog Input Automotive Class-D Speaker Amplifier With Audio Processing
TAS5760M-Q1 TI1-TAS5760M-Q1 Datasheet
1Mb / 77P
2x20-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5720A-Q1 TI1-TAS5720A-Q1 Datasheet
813Kb / 48P
1x20-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5720A-Q1 TI1-TAS5720A-Q1_18 Datasheet
1Mb / 46P
1x25-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
logo
Analog Devices
SSM2519 AD-SSM2519 Datasheet
1Mb / 28P
Digital Input 2 W Class-D Audio Power Amplifier
7/12-Revision 0
logo
STMicroelectronics
FDA801B STMICROELECTRONICS-FDA801B Datasheet
249Kb / 11P
4 x 50 W class-D digital input power amplifier with I2C diagnostics, digital impedance meter (DIM) and low voltage operation
13-Nov-2015
FDA802 STMICROELECTRONICS-FDA802 Datasheet
300Kb / 12P
2x150 W/1x300 W class D digital input automotive power amplifier with diagnostics features and low voltage
22-Aug-2017
FDA803D STMICROELECTRONICS-FDA803D Datasheet
1Mb / 78P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2018
FDA803U STMICROELECTRONICS-FDA803U Datasheet
1Mb / 76P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
04-Jul-2019
FDA901 STMICROELECTRONICS-FDA901 Datasheet
308Kb / 17P
4 x 50 W class-D digital input automotive power amplifier with load current monitoring and low voltage operation
01-Mar-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com