Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA802-VYY Datasheet (PDF) - STMicroelectronics

FDA802-VYY Datasheet PDF - STMicroelectronics
Part # FDA802-VYY
Download  FDA802-VYY Download
File Size   300.88 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2x150 W/1x300 W class D digital input automotive power amplifier with diagnostics features and low voltage

FDA802-VYY Datasheet (PDF)

Go To PDF Page Download Datasheet
FDA802-VYY Datasheet PDF - STMicroelectronics

Part # FDA802-VYY
Download  FDA802-VYY Click to download

File Size   300.88 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2x150 W/1x300 W class D digital input automotive power amplifier with diagnostics features and low voltage

FDA802-VYY Datasheet (HTML) - STMicroelectronics


FDA802-VYY Product details

Features
 AEC-Q100 (rev. G) qualified
 Integrated 110 dB D/A conversion
 I2S and TDM digital input (3.3/1.8 V)
 Input sampling frequency: 44.1 kHz, 48 kHz, 96
kHz, 192 kHz
 Full I2C bus driving (3.3/1.8 V) with 8 different
I2C bus addresses
 EMI control for FM/AM compatibility
 EMI compliance evaluated following normative
IEC61967-4 and IEC62132-4
 Low radiation function (LRF)
 Very low quiescent current
 Output low-pass filter included in the feedback
allowing outstanding audio performances
 Wide operating supply range: target 5.5 V-50 V
 MOSFET power outputs allowing high output
power capability under step-up voltage:
– 2 x 120 W /4 Ω @ 35 V, 1 kHz THD = 1%
(2 x150 W /4 Ω @ 35 V, 1 kHz THD =10%)
– 2 x 140 W /8 Ω @ 50 V, 1 kHz THD = 1%
(2 x180 W /8 Ω @ 50 V, 1 kHz THD =10%)
– 2 x 270 W /8 Ω @ 50 V max output power
 Operation under standard car battery with high
output power:
– 2 x 22 W /4 Ω @ 14 V, 1 kHz THD = 1%
(2 x 28 W /4 Ω @ 14 V, 1 kHz THD = 10%)
– 2 x 37 W /2 Ω @ 14 V, 1 kHz THD = 1%
(2 x 46 W /2 Ω @ 14 V, 1 kHz THD = 10%)
 Possibility to drive 2 Ω loads (until 18 V)
 Independent channel operation
 I2C bus diagnostics:
– Short to Vcc/GND diagnostic (including soft
shorts up to 1k Ω)
– DC load diagnostic
– AC load diagnostic (working both with
internally generated and externally
generated tone)
 Integrated fault protection
 Input and output offset detector
 Clipping detector
 Legacy mode ('no I2C' mode)
 Short circuit and ESD integrated protections
 Package: LQFP64 exposed pad up




Similar Part No. - FDA802-VYY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FDA802B STMICROELECTRONICS-FDA802B Datasheet
301Kb / 12P
2x150 W/1x300 W class D digital input automotive power amplifier with load value recognition and low voltage operation
22-Aug-2017
FDA802B-VYT STMICROELECTRONICS-FDA802B-VYT Datasheet
301Kb / 12P
2x150 W/1x300 W class D digital input automotive power amplifier with load value recognition and low voltage operation
22-Aug-2017
FDA802B-VYY STMICROELECTRONICS-FDA802B-VYY Datasheet
301Kb / 12P
2x150 W/1x300 W class D digital input automotive power amplifier with load value recognition and low voltage operation
22-Aug-2017
FDA802S STMICROELECTRONICS-FDA802S Datasheet
276Kb / 15P
2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
30-Aug-2021
FDA802S-VYT STMICROELECTRONICS-FDA802S-VYT Datasheet
276Kb / 15P
2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
30-Aug-2021
More results


Similar Description - FDA802-VYY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS6424-Q1 TI1-TAS6424-Q1 Datasheet
1Mb / 63P
75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
logo
Analog Devices
SSM2519 AD-SSM2519 Datasheet
1Mb / 28P
Digital Input 2 W Class-D Audio Power Amplifier
7/12-Revision 0
logo
STMicroelectronics
FDA2100BLV STMICROELECTRONICS-FDA2100BLV Datasheet
250Kb / 11P
2 x 180 W / 1 x 300 W PWM digital input automotive power amplifier with built-in diagnostics features and step-up drive
12-Jan-2017
FDA801B STMICROELECTRONICS-FDA801B Datasheet
249Kb / 11P
4 x 50 W class-D digital input power amplifier with I2C diagnostics, digital impedance meter (DIM) and low voltage operation
13-Nov-2015
FDA802B STMICROELECTRONICS-FDA802B Datasheet
301Kb / 12P
2x150 W/1x300 W class D digital input automotive power amplifier with load value recognition and low voltage operation
22-Aug-2017
FDA803D STMICROELECTRONICS-FDA803D Datasheet
1Mb / 78P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2018
FDA803S STMICROELECTRONICS-FDA803S Datasheet
672Kb / 15P
1x10 W digital input class-D automotive audio amplifier with advanced diagnostics, wide voltage operating range for telematics and e-Call application
16-Aug-2032
FDA803U STMICROELECTRONICS-FDA803U Datasheet
1Mb / 76P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
04-Jul-2019
FDA901 STMICROELECTRONICS-FDA901 Datasheet
308Kb / 17P
4 x 50 W class-D digital input automotive power amplifier with load current monitoring and low voltage operation
01-Mar-2019
FDA903S STMICROELECTRONICS-FDA903S Datasheet
673Kb / 15P
1x10 W digital input class-D automotive audio amplifier with advanced diagnostics, wide voltage operating range for telematics and e-Call application
16-Aug-2032
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com