Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA802-VYY Datasheet(PDF) 6 Page - STMicroelectronics

Part # FDA802-VYY
Description  2x150 W/1x300 W class D digital input automotive power amplifier with diagnostics features and low voltage
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA802-VYY Datasheet(HTML) 6 Page - STMicroelectronics

Back Button FDA802-VYY Datasheet HTML 2Page - STMicroelectronics FDA802-VYY Datasheet HTML 3Page - STMicroelectronics FDA802-VYY Datasheet HTML 4Page - STMicroelectronics FDA802-VYY Datasheet HTML 5Page - STMicroelectronics FDA802-VYY Datasheet HTML 6Page - STMicroelectronics FDA802-VYY Datasheet HTML 7Page - STMicroelectronics FDA802-VYY Datasheet HTML 8Page - STMicroelectronics FDA802-VYY Datasheet HTML 9Page - STMicroelectronics FDA802-VYY Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Block and pins description diagrams
FDA802
6/12
DocID030734 Rev 2
21
Enable2
Chip Enable 2
22
Enable1
Chip Enable 1
23
DGSVR
Negative Analog Supply V(SVR)-0.9V (Internally generated)
24
D1V8SVR
Positive Digital Supply V(SVR)+0.9V (Internally generated)
25
DVdd
Digital supply
26
Dgnd
Digital ground
27
CPump1
Charge Pump pin1
28
VddCP
Charge Pump output voltage
29
CPump2
Charge Pump pin2
35
Vbattery
Main battery voltage (14V)
40
GND2-
Channel 2, half bridge minus, Power Ground
41
FB2-
Channel 2, half bridge minus, Feedback
42
OUT2-
Channel 2, half bridge minus, Output
43
OUT2-
Channel 2, half bridge minus, Output
44
VCC2-
Channel 2, half bridge minus, Boosted Power Supply
45
VCC2+
Channel 2, half bridge plus, Boosted Power Supply
46
OUT2+
Channel 2, half bridge plus, Output
47
OUT2+
Channel 2, half bridge plus, Output
48
FB2+
Channel 2, half bridge plus, Feedback
49
TAB
Device slug connection
50
GND2+
Channel 2, half bridge plus, Power Ground
51
CD/Diag
Clip detector / diagnostic pin
52
I2CClk
I2C clock
53
I2C-Data
I2C Data Input
54
SAI Tx
I2S/TDM Data 2 (Data output)
55
SAI Rx
I2S/TDM Data 1 (Data input)
56
SAI Bit clk
I2S/TDM Clock
57
SAI fs
I2S/TDM Sws (Frame Sync Input)
58
Agnd
Analog ground
59
AVdd
Analog supply
60
AGSVR
Negative Analog Supply V(SVR)-2.5V (Internally generated)
61
A5VSVR
Positive Analog Supply V(SVR)+2.5V (Internally generated)
62
SVR
Supply Voltage Ripple Rejection Capacitor
63
HWMute
Hardware mute pin
64
GND1+
Channel 1, half bridge plus, Power Ground
Table 2. Pins list description (continued)
N#
Pin
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com