Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA802-VYY Datasheet(PDF) 1 Page - STMicroelectronics

Part # FDA802-VYY
Description  2x150 W/1x300 W class D digital input automotive power amplifier with diagnostics features and low voltage
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA802-VYY Datasheet(HTML) 1 Page - STMicroelectronics

  FDA802-VYY Datasheet HTML 1Page - STMicroelectronics FDA802-VYY Datasheet HTML 2Page - STMicroelectronics FDA802-VYY Datasheet HTML 3Page - STMicroelectronics FDA802-VYY Datasheet HTML 4Page - STMicroelectronics FDA802-VYY Datasheet HTML 5Page - STMicroelectronics FDA802-VYY Datasheet HTML 6Page - STMicroelectronics FDA802-VYY Datasheet HTML 7Page - STMicroelectronics FDA802-VYY Datasheet HTML 8Page - STMicroelectronics FDA802-VYY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For further information contact your local STMicroelectronics sales office.
August 2017
DocID030734 Rev 2
1/12
FDA802
2x150 W/1x300 W class D digital input automotive power amplifier
with diagnostics features and low voltage
Data brief
Features
 AEC-Q100 (rev. G) qualified
 Integrated 110 dB D/A conversion
 I2S and TDM digital input (3.3/1.8 V)
 Input sampling frequency: 44.1 kHz, 48 kHz, 96
kHz, 192 kHz
 Full I2C bus driving (3.3/1.8 V) with 8 different
I2C bus addresses
 EMI control for FM/AM compatibility
 EMI compliance evaluated following normative
IEC61967-4 and IEC62132-4
 Low radiation function (LRF)
 Very low quiescent current
 Output low-pass filter included in the feedback
allowing outstanding audio performances
 Wide operating supply range: target 5.5 V-50 V
 MOSFET power outputs allowing high output
power capability under step-up voltage:
– 2 x 120 W /4 Ω @ 35 V, 1 kHz THD = 1%
(2 x150 W /4 Ω @ 35 V, 1 kHz THD =10%)
– 2 x 140 W /8 Ω @ 50 V, 1 kHz THD = 1%
(2 x180 W /8 Ω @ 50 V, 1 kHz THD =10%)
– 2 x 270 W /8 Ω @ 50 V max output power
 Operation under standard car battery with high
output power:
– 2 x 22 W /4 Ω @ 14 V, 1 kHz THD = 1%
(2 x 28 W /4 Ω @ 14 V, 1 kHz THD = 10%)
– 2 x 37 W /2 Ω @ 14 V, 1 kHz THD = 1%
(2 x 46 W /2 Ω @ 14 V, 1 kHz THD = 10%)
 Possibility to drive 2 Ω loads (until 18 V)
 Independent channel operation
 I2C bus diagnostics:
– Short to Vcc/GND diagnostic (including soft
shorts up to 1k Ω)
– DC load diagnostic
– AC load diagnostic (working both with
internally generated and externally
generated tone)
 Integrated fault protection
 Input and output offset detector
 Clipping detector
 Legacy mode ('no I2C' mode)
 Short circuit and ESD integrated protections
 Package: LQFP64 exposed pad up
LQFP64 (exposed pad up)
Table 1. Device summary
Order code
Package
Packing
FDA802-VYY
LQFP64 (exp. pad up)
Tray
FDA802-VYT
LQFP64 (exp. pad up)
Tape & reel
www.st.com


Similar Part No. - FDA802-VYY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FDA802B STMICROELECTRONICS-FDA802B Datasheet
301Kb / 12P
2x150 W/1x300 W class D digital input automotive power amplifier with load value recognition and low voltage operation
22-Aug-2017
FDA802B-VYT STMICROELECTRONICS-FDA802B-VYT Datasheet
301Kb / 12P
2x150 W/1x300 W class D digital input automotive power amplifier with load value recognition and low voltage operation
22-Aug-2017
FDA802B-VYY STMICROELECTRONICS-FDA802B-VYY Datasheet
301Kb / 12P
2x150 W/1x300 W class D digital input automotive power amplifier with load value recognition and low voltage operation
22-Aug-2017
FDA802S STMICROELECTRONICS-FDA802S Datasheet
276Kb / 15P
2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
30-Aug-2021
FDA802S-VYT STMICROELECTRONICS-FDA802S-VYT Datasheet
276Kb / 15P
2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
30-Aug-2021
More results

Similar Description - FDA802-VYY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS6424-Q1 TI1-TAS6424-Q1 Datasheet
1Mb / 63P
75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
logo
Analog Devices
SSM2519 AD-SSM2519 Datasheet
1Mb / 28P
Digital Input 2 W Class-D Audio Power Amplifier
7/12-Revision 0
logo
STMicroelectronics
FDA2100BLV STMICROELECTRONICS-FDA2100BLV Datasheet
250Kb / 11P
2 x 180 W / 1 x 300 W PWM digital input automotive power amplifier with built-in diagnostics features and step-up drive
12-Jan-2017
FDA801B STMICROELECTRONICS-FDA801B Datasheet
249Kb / 11P
4 x 50 W class-D digital input power amplifier with I2C diagnostics, digital impedance meter (DIM) and low voltage operation
13-Nov-2015
FDA802B STMICROELECTRONICS-FDA802B Datasheet
301Kb / 12P
2x150 W/1x300 W class D digital input automotive power amplifier with load value recognition and low voltage operation
22-Aug-2017
FDA803D STMICROELECTRONICS-FDA803D Datasheet
1Mb / 78P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2018
FDA803S STMICROELECTRONICS-FDA803S Datasheet
672Kb / 15P
1x10 W digital input class-D automotive audio amplifier with advanced diagnostics, wide voltage operating range for telematics and e-Call application
16-Aug-2032
FDA803U STMICROELECTRONICS-FDA803U Datasheet
1Mb / 76P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
04-Jul-2019
FDA901 STMICROELECTRONICS-FDA901 Datasheet
308Kb / 17P
4 x 50 W class-D digital input automotive power amplifier with load current monitoring and low voltage operation
01-Mar-2019
FDA903S STMICROELECTRONICS-FDA903S Datasheet
673Kb / 15P
1x10 W digital input class-D automotive audio amplifier with advanced diagnostics, wide voltage operating range for telematics and e-Call application
16-Aug-2032
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com