Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA802S Datasheet(PDF) 5 Page - STMicroelectronics

Part # FDA802S
Description  2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA802S Datasheet(HTML) 5 Page - STMicroelectronics

  FDA802S Datasheet HTML 1Page - STMicroelectronics FDA802S Datasheet HTML 2Page - STMicroelectronics FDA802S Datasheet HTML 3Page - STMicroelectronics FDA802S Datasheet HTML 4Page - STMicroelectronics FDA802S Datasheet HTML 5Page - STMicroelectronics FDA802S Datasheet HTML 6Page - STMicroelectronics FDA802S Datasheet HTML 7Page - STMicroelectronics FDA802S Datasheet HTML 8Page - STMicroelectronics FDA802S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
N#
Pin
Function
22
Enable1
Chip Enable 1
23
DGSVR
Negative Digital Supply V(SVR)-0.9V (Internally generated)
24
D1V8SVR
Positive Digital Supply V(SVR)+0.9V (Internally generated)
25
DVdd
Digital supply
26
Dgnd
Digital ground
27
CPump1
Charge Pump pin1
28
VddCP
Charge Pump output voltage
29
CPump2
Charge Pump pin2
30-34
N.C.
Not connected
35
Vbattery
Main battery voltage (14V)
36-39
N.C.
Not connected
40
GND2-
Channel 2, half bridge minus, Power Ground
41
FB2-
Channel 2, half bridge minus, Feedback
42
OUT2-
Channel 2, half bridge minus, Output
43
OUT2-
Channel 2, half bridge minus, Output
44
VCC2-
Channel 2, half bridge minus, Boosted Power Supply
45
VCC2+
Channel 2, half bridge plus, Boosted Power Supply
46
OUT2+
Channel 2, half bridge plus, Output
47
OUT2+
Channel 2, half bridge plus, Output
48
FB2+
Channel 2, half bridge plus, Feedback
49
TAB
Device slug connection
50
GND2+
Channel 2, half bridge plus, Power Ground
51
CD/Diag
Clip detector / diagnostic pin
52
I2CClk
I2C clock
53
I2C-Data
I2C Data Input
54
SAI(1) Tx
I2S/TDM Data 2 (Data input, not used)(2)
55
SAI(1) Rx
I2S/TDM Data 1 (Data input)
56
SAI(1) Bit clk
I2S/TDM Clock
57
SAI(1) fs
I2S/TDM Sws (Frame Sync Input)
58
Agnd
Analog ground
59
AVdd
Analog supply
60
AGSVR
Negative Analog Supply V(SVR)-2.5V (Internally generated)
61
A5VSVR
Positive Analog Supply V(SVR)+2.5V (Internally generated)
62
SVR
Supply Voltage Ripple Rejection Capacitor
63
HWMute
Hardware mute pin
64
GND1+
Channel 1, half bridge plus, Power Ground
1. SAI: serial audio interface.
2. Connect to ground through resistance (10 kΩ).
FDA802S
Pins description
DB4552 - Rev 1
page 5/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com