Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA802S Datasheet(PDF) 9 Page - STMicroelectronics

Part # FDA802S
Description  2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA802S Datasheet(HTML) 9 Page - STMicroelectronics

Back Button FDA802S Datasheet HTML 5Page - STMicroelectronics FDA802S Datasheet HTML 6Page - STMicroelectronics FDA802S Datasheet HTML 7Page - STMicroelectronics FDA802S Datasheet HTML 8Page - STMicroelectronics FDA802S Datasheet HTML 9Page - STMicroelectronics FDA802S Datasheet HTML 10Page - STMicroelectronics FDA802S Datasheet HTML 11Page - STMicroelectronics FDA802S Datasheet HTML 12Page - STMicroelectronics FDA802S Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Symbol
Dimensions in mm
Min.
Typ.
Max.
A1
-0.04
-
0.04
A2
1.35
1.40
1.45
b
0.17
0.22
0.27
b1
0.17
0.20
0.23
c
0.09
-
0.20
c1
0.09
-
0.16
D
12.00 BSC
D1(1) (2)
10.00 BSC
D2
See VARIATIONS
D3
See VARIATIONS
e
0.50 BSC
E
12.00 BSC
E1(1)(2)
10.00 BSC
E2
See VARIATIONS
E3
See VARIATIONS
L
0.45
0.60
0.75
L1
1.00 REF
N
64
R1
0.08
-
-
R2
0.08
-
0.20
S
0.20
-
-
Tolerance of form and position
aaa
0.20
bbb
0.20
ccc
0.08
ddd
0.08
VARIATIONS
Pad option 6.0x6.0 (T1-T3)(3)
D2
-
-
6.61
E2
-
-
6.61
D3
4.8
-
-
E3
4.8
-
-
1. Dimensions D1 and E1 do not include mold flash or protrusions. Allowable mold flash or protrusion is “0.25 mm” per side.
2. The Top package body size may be smaller than the bottom package size of 0.15 mm.
3. Number, dimensions and position of groves shown in Figure 5 are for reference only.
FDA802S
LQFP64 (10x10x1.4 mm exp. pad up) package information
DB4552 - Rev 1
page 9/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com