Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA802S-VYY Datasheet(PDF) 4 Page - STMicroelectronics

Part # FDA802S-VYY
Description  2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA802S-VYY Datasheet(HTML) 4 Page - STMicroelectronics

  FDA802S-VYY Datasheet HTML 1Page - STMicroelectronics FDA802S-VYY Datasheet HTML 2Page - STMicroelectronics FDA802S-VYY Datasheet HTML 3Page - STMicroelectronics FDA802S-VYY Datasheet HTML 4Page - STMicroelectronics FDA802S-VYY Datasheet HTML 5Page - STMicroelectronics FDA802S-VYY Datasheet HTML 6Page - STMicroelectronics FDA802S-VYY Datasheet HTML 7Page - STMicroelectronics FDA802S-VYY Datasheet HTML 8Page - STMicroelectronics FDA802S-VYY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
1.2
Pins description
Figure 2. Pins connection diagram (top view)
1
2
3
5
6
4
7
8
9
10
22
11
21 20 19 18 17
54 55 56 57
59
58
60 61 62 63 64
43
42
41
39
38
40
48
47
46
44
45
27 26 25 24 23
53
52
51
50
49
32 31 30 29 28
37
36
34
33
35
12
13
14
15
16
FB2+
OUT2+
OUT2+
VCC2+
VCC2-
OUT2-
OUT2-
FB2-
GND2-
NC
NC
NC
NC
Vbattery
NC
NC
FB1+
OUT1+
OUT1+
VCC1+
VCC1-
OUT1-
OUT1-
FB1-
GND1-
NC
NC
NC
NC
Vbattery
Vbattery
NC
GAPGPS03332
Table 1. Pins list description
N#
Pin
Function
1
FB1+
Channel 1, half bridge plus, Feedback
2
OUT1+
Channel 1, half bridge plus, Output
3
OUT1+
Channel 1, half bridge plus, Output
4
VCC1+
Channel 1, half bridge plus, Boosted Power Supply
5
VCC1-
Channel 1, half bridge minus, Boosted Power Supply
6
OUT1-
Channel 1, half bridge minus, Output
7
OUT1-
Channel 1, half bridge minus, Output
8
FB1-
Channel 1, half bridge minus, Feedback
9
GND1-
Channel 1, half bridge minus, Power Ground
10-13
N.C.
Not connected
14
Vbattery
Main battery voltage (14V)
15
Vbattery
Main battery voltage (14V)
16-17
N.C.
Not connected
18
Enable4
Chip Enable 4
19
N.C.
Not connected
20
Enable3
Chip Enable 3
21
Enable2
Chip Enable 2
FDA802S
Pins description
DB4552 - Rev 1
page 4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com